| 전자부품 데이터시트 검색엔진 |
|
Q240WS 데이터시트(PDF) 6 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
Q240WS 데이터시트(HTML) 6 Page - Banner Engineering Corp. |
|
6 / 9 page ![]() NCC 警語低功率電波輻射性電機管理辦法第十二條經型式認證合格之低功率射頻電機,非經許可,公司、商號或使用者均不得擅自 變更頻率、加大功率或變更原設計之特性及功能。第十四條低功率射頻電機之使用不得影響飛航安全及干擾合法通信;經發現 有干擾現象時,應立即停用,並改善至無干擾時方得繼續使用。前項合法通信,指依電信規定作業之無線電信。低功率射頻電 機須忍受合法通信或工業、科學及醫療用電波輻射性電機設備之干擾 在 5.25-5.35 秭赫頻帶內操作之無線資訊傳輸設備,限於室內使用 。 Beam Pattern—US and CN Models Typical Beam Pattern (with BRTR-CC20E Radar Target, Radar Cross Section = 50 m2) Typical Beam Pattern (with 4 different targets) 0 0 -2 -4 -6 6 4 2 10 20 30 40 50 Meters 60 70 80 90 Sensitivity 1 Sensitivity 8 1 2 3 4 8 6 7 5 1–8: Indicates sensitivity level 0 0 -2 -4 -6 -8 8 6 4 2 10 20 30 40 50 Meters 60 70 80 90 100 Weak Object Car Large Truck Passenger Train 3 2 1 4 At sensitivity level 8 1: Weak Object (Radar cross section = 0.25 m2) 2: Car (Radar cross section = 3 m2) 3: Large Truck (Radar cross section = 50 m2) 4: Passenger Train (Radar cross section = 300 m2) 0 0 -2 -4 -6 -8 8 6 4 2 10 20 30 40 50 60 70 80 90 100 Meters Car Large Truck Passenger Train 4 3 2 At sensitivity level 4 Note: The Target 1 curve is not available due to trace data on a weak object. R-GAGE® Q240RA-IL (-UL) Sensor 6 www.bannerengineering.com - Tel: +1-763-544-3164 P/N 199895 Rev. A |