전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5401S 데이터시트(PDF) 2 Page - First Silicon Co., Ltd

부품명 2N5401S
상세설명  High Voltage Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N5401S 데이터시트(HTML) 2 Page - First Silicon Co., Ltd

  2N5401S Datasheet HTML 1Page - First Silicon Co., Ltd 2N5401S Datasheet HTML 2Page - First Silicon Co., Ltd 2N5401S Datasheet HTML 3Page - First Silicon Co., Ltd 2N5401S Datasheet HTML 4Page - First Silicon Co., Ltd 2N5401S Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (T A= 25°C unless otherwise noted) (Continued)
x
a
M
n
i
M
l
o
b
m
y
S
c
it
s
i
r
e
t
c
a
r
a
h
C
Unit
ONCHARACTERISTICS(2)
h
n
i
a
G
t
n
e
rr
u
C
C
D
FE
––
(IC = –1.0mAdc, V CE
0
5
)
c
d
V
0
.
5
=
(IC = –10 mAdc, V CE
0
4
2
0
6
)
c
d
V
0
.
5
=
(IC = –50 mAdc, V CE
0
5
)
c
d
V
0
.
5
=
V
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
r
o
t
c
e
ll
o
C
CE(sat)
Vdc
(IC = –10 mAdc, IB
2
.
0
)
c
d
A
m
0
.
1
=
(IC = –50 mAdc, I B
5
.
0
)
c
d
A
m
0
.
5
=
V
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
e
s
a
B
BE(sat)
Vdc
(IC = –10 mAdc, I B
0
.
1
)
c
d
A
m
0
.
1
=
(IC = –50 mAdc, I B
0
.
1
)
c
d
A
m
0
.
5
=
SMALL–SIGNALCHARACTERISTICS
f
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
n
i
a
G
t
n
e
r
r
u
C
T
MHz
(IC = –10 mAdc, V CE
0
0
3
0
0
1
)
z
H
M
0
0
1
=
f
,
c
d
V
0
1
=
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
t
u
O
obo
pF
(VCB= –10 Vdc, I E
0
.
6
)
z
H
M
0
.
1
=
f
,
0
=
h
n
i
a
G
t
n
e
rr
u
C
l
a
n
g
i
S
ll
a
m
S
fe
(IC= –1.0mAdc, VCE
0
0
2
0
4
)
z
H
k
0
.
1
=
f
,
c
d
V
0
1
=
B
d
F
N
e
r
u
g
i
F
e
s
i
o
N
(IC = –200 µAdc, VCE= –5.0 Vdc,Rs=10Ω
0
.
8
)
z
H
k
0
.
1
=
f
,
2N5401S
2010. 1. 12
2/5
Revision No : 0



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com