전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDN-M5T1U 데이터시트(PDF) 22 Page - ABLIC Inc.

부품명 S-8211CDN-M5T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDN-M5T1U 데이터시트(HTML) 22 Page - ABLIC Inc.

Back Button S-8211CDN-M5T1U Datasheet HTML 18Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 19Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 20Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 21Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 22Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 23Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 24Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 25Page - ABLIC Inc. S-8211CDN-M5T1U Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211C Series
Rev.7.7_03
22
3. Overdischarge status
3. 1 With power-down function
When the battery voltage falls below overdischarge detection voltage (VDL) during discharging in the normal status
and the detection continues for the overdischarge detection delay time (tDL) or longer, the S-8211C Series turns the
discharging control FET off to stop discharging. This condition is called the overdischarge status. Under the
overdischarge status, the VM pin voltage is pulled up by the resistor between the VM pin and VDD pin in the S-8211C
Series (RVMD). When voltage difference between the VM pin and VDD pin then is 1.3 V typ. or lower, the current
consumption is reduced to the power-down current consumption (IPDN). This condition is called the power-down
status.
The resistance (RVMS) between the VM pin and VSS pin is not connected in the power-down status and the
overdischarge status.
The power-down status is released when a charger is connected and the voltage difference between the VM pin and
VDD pin becomes 1.3 V typ. or higher.
When a battery in the overdischarge status is connected to a charger and provided that the VM pin voltage is lower
than
0.7 V typ., the S-8211C Series releases the overdischarge status and turns the discharging FET on when the
battery voltage reaches overdischarge detection voltage (VDL) or higher.
When a battery in the overdischarge status is connected to a charger and provided that the VM pin voltage is not
lower than
0.7 V typ., the S-8211C Series releases the overdischarge status when the battery voltage reaches
overdischarge release voltage (VDU) or higher.
3. 2 Without power-down function
When the battery voltage falls below overdischarge detection voltage (VDL) during discharging in the normal status
and the detection continues for the overdischarge detection delay time (tDL) or longer, the S-8211C Series turns the
discharging control FET off to stop discharging. This condition is called the overdischarge status. Under the
overdischarge status, the VM pin voltage is pulled up by the resistor between the VM pin and VDD pin in the S-8211C
Series (RVMD).
The resistance (RVMS) between the VM pin and VSS pin is not connected in the overdischarge status.
When a battery in the overdischarge status is connected to a charger and provided that the VM pin voltage is lower
than
0.7 V typ., the S-8211C Series releases the overdischarge status and turns the discharging FET on when the
battery voltage reaches overdischarge detection voltage (VDL) or higher.
When a battery in the overdischarge status is connected to a charger and provided that the VM pin voltage is not
lower than
0.7 V typ., the S-8211C Series releases the overdischarge status when the battery voltage reaches
overdischarge release voltage (VDU) or higher.
4. Discharge overcurrent status (discharge overcurrent, load short-circuiting)
When a battery in the normal status is in the status where the VM pin voltage is equal to or higher than the discharge
overcurrent detection voltage (VDIOV) because the discharge current is higher than the specified value and the status
lasts for the discharge overcurrent detection delay time (tDIOV), the discharge control FET is turned off and
discharging is stopped. This status is called the discharge overcurrent status.
In the discharge overcurrent status, the VM pin and VSS pin are shorted by the resistor between VM pin and VSS pin
(RVMS) in the S-8211C Series. However, the VM pin voltage is at the VDD potential due to the load as long as the load
is connected. When the load is disconnected completely, the VM pin returns to the VSS potential.
If the S-8211C Series detects that the VM pin voltage returns to discharge overcurrent detection voltage (VDIOV) or
lower, the discharge overcurrent status is restored to the normal status.
The S-8211C Series will be restored to the normal status from discharge overcurrent detection status even when the
VM pin voltage becomes the discharge overcurrent detection voltage (VDIOV) or lower by connecting the charger.
The resistance (RVMD) between the VM pin and VDD pin is not connected in the discharge overcurrent status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com