전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S-8211CDL-I6T1U 데이터시트(PDF) 33 Page - ABLIC Inc.

부품명 S-8211CDL-I6T1U
상세설명  BATTERY PROTECTION IC FOR 1-CELL PACK
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABLIC [ABLIC Inc.]
홈페이지  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-8211CDL-I6T1U 데이터시트(HTML) 33 Page - ABLIC Inc.

Back Button S-8211CDL-I6T1U Datasheet HTML 29Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 30Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 31Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 32Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 33Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 34Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 35Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 36Page - ABLIC Inc. S-8211CDL-I6T1U Datasheet HTML 37Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-8211C Series
33
3. CO pin / DO pin
3. 1 ICOH vs. VCO
3. 2 ICOL vs. VCO
0
0.1
0.2
0.5
0.3
0.4
0
1
2
3
4
VCO [V]
0.5
0.4
0.3
0
0.2
0.1
0
1
2
3
4
VCO [V]
3. 3 IDOH vs. VDO
3. 4 IDOL vs. VDO
0
1
2
3
4
VDO [V]
0
0.05
0.10
0.15
0.30
0.20
0.25
0
0.5
1.0
1.5
VDO [V]
0.20
0.15
0.10
0
0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com