| 전자부품 데이터시트 검색엔진 |
|
LMBWLC60RAS 데이터시트(PDF) 3 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
LMBWLC60RAS 데이터시트(HTML) 3 Page - Banner Engineering Corp. |
|
3 / 4 page ![]() 12.0 [0.47] 12.0 [0.47] 31.3 [1.23] 29.4 [1.16] 60.9 [2.40] 58.1 [2.29] 638.9 [25.15] 517.7 [20.38] 24.6 [0.97] 45.0 [1.77] 7.9 [0.31] 290.0 [11.42] 2 X 6 X M6 X 1 Figure 2. WLH60 (640 mm) Base Mount Side Exit Model Light Characteristics 340 mm Models 180° 600 500 400 300 200 100 0 100 200 300 400 525 lux 450 lux 375 lux 300 lux 225 lux Mount height of 1 meter (1 m) 150 lux 75 lux 500 600 170°160° 150° 140° 130° 120° 110° 100° 90° 80° 70° 60° 50° 40° 30° 20° 10° 0° Polar Candela Distribution Isolux Pattern 0 m 0 m 2 m 2 m 2 m 2 m Vertical Angle: 0° Vertical 90° Horizontal Center Beam (lux) 12330 lux 0.17 m 0.33 m 0.50 m 0.67 m 0.83 m 1.00 m Vertical Spread: 67.9° Horizontal Spread: 124.5° 0.23 m 0.64 m 0.45 m 1.26 m 0.67 m 1.90 m 0.90 m 2.54 m 1.12 m 3.16 m 1.35 m 3.80 m 4467 lux 2000 lux 1173 lux 770 lux 541 lux Beam Width (m) Illuminance at a Distance Vert. Horiz. < 75 lux 640 mm Models 180° 1200 1000 800 600 400 200 0 200 400 600 800 1050 lux 900 lux 750 lux 600 lux 450 lux 300 lux Mount height of 1 meter (1 m) 150 lux < 150 lux 1000 1200 170°160° 150° 140° 130° 120° 110° 100° 90° 80° 70° 60° 50° 40° 30° 20° 10° 0° Polar Candela Distribution Isolux Pattern 0 m 0 m 2 m 2 m 2 m 2 m Vertical Angle: 0° Vertical 90° Horizontal Center Beam (lux) 17110 lux 0.17 m 0.33 m 0.50 m 0.67 m 0.83 m 1.00 m Vertical Spread: 71.1° Horizontal Spread: 130.7° 0.24 m 0.73 m 0.47 m 1.45 m 0.71 m 2.18 m 0.95 m 2.91 m 1.19 m 3.63 m 1.43 m 4.36 m 7290 lux 3751 lux 2307 lux 1556 lux 1097 lux Beam Width (m) Illuminance at a Distance Vert. Horiz. WLH60 High Temperature LED Light P/N 202832 Rev. B www.bannerengineering.com - Tel: +1-763-544-3164 3 |