전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMBWLC60F 데이터시트(PDF) 7 Page - Banner Engineering Corp.

부품명 LMBWLC60F
상세설명  WLC60 Heavy Duty LED Light - PWM Dimmable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BANNER [Banner Engineering Corp.]
홈페이지  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LMBWLC60F 데이터시트(HTML) 7 Page - Banner Engineering Corp.

  LMBWLC60F Datasheet HTML 1Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 2Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 3Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 4Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 5Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 6Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 7Page - Banner Engineering Corp. LMBWLC60F Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-Pin Threaded M12/Euro-Style Cordsets—Double Ended, Washdown, Stainless Steel
Model
Length
Style
Dimensions
Pinout
MQDEC-WDSS-401SS
0.3 m (1 ft)
Male Straight/
Female Straight
40 Typ.
43.5 Typ.
13.9
13.9
M12 x 1
Female
2
3
4
1
Male
1
4
3
2
1 = Brown
2 = White
3 = Blue
4 = Black
MQDEC-WDSS-403SS
0.91 m (3 ft)
MQDEC-WDSS-406SS
1.83 m (6 ft)
MQDEC-WDSS-412SS
3.66 m (12 ft)
Brackets
LMBWLC60F
•
Set of two flat brackets
•
300 series stainless steel
•
Includes M6 flathead screws for
mounting to light
•
Clearance for M6 or 1/4-20 mounting
hardware
LMBWLC60RA
•
Set of two right-angle brackets
•
300 series stainless steel
•
Includes M6 button head screws for
mounting to light
•
Clearance for M6 or 1/4-20 mounting
hardware
LMBWLC60MAG
•
Magnetic mounting kit (set of two)
•
Two inch magnets
•
Mounting hardware included
LMBWLC60RAS
•
Pair of two swivel mount, right-angle
brackets
•
300 series stainless steel
•
Includes hardware for mounting to light
LMBWLC60B340
•
Plate for sealing the cavity on the back of
the 340 mm models
•
300 series stainless steel
•
Includes hardware for mounting to the
light
10 x Ø7
62
393
12
ACC-WLC60-340-GSK-FDA-1
•
Blue FDA-approved silicone gasket
•
Thickness: 1.6 mm
6 X Ø7
1.6
340
61
ACC-WLC60-340-GSK-N-1
•
Black nitrile gasket
•
Thickness: 1.5 mm
6 X Ø7
1.5
340
61
WLC60 Heavy Duty LED Light - PWM Dimmable
P/N 179496 Rev. E
www.bannerengineering.com - Tel: + 1 888 373 6767
7



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com