전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E5GN-R03P-FLKAC/DC24 데이터시트(PDF) 5 Page - Omron Electronics LLC

부품명 E5GN-R03P-FLKAC/DC24
상세설명  Digital Temperature Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R03P-FLKAC/DC24 데이터시트(HTML) 5 Page - Omron Electronics LLC

  E5GN-R03P-FLKAC/DC24 Datasheet HTML 1Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 2Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 3Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 4Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 5Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
E5GN
E5GN
71
Dimensions
Unit: mm (inch)
Panel Cutout
* When carrying out maintenance on the E5GN, only the
terminal plate can be drawn out with the terminal leads still
attached.
48 (1.89)
36.8
(1.45)
3
(0.12)
100 (3.94)
44.8 (1.76)
48
 number of units – 2.5
(1.89
 number of units – 0.10)
60 (2.36) min.
60
(2.36)
min.
+1.0
+0.3
0
0
+0.3
0
Mounted Separately
• Insert the Controller through the hole in the panel from the front and
push the adapter on from the rear. Push the adapter up to the back
of the panel ensuring that the controller is pushed all the way in,
removing any gap between the Controller, panel, and adapter.
Finally, use the two screws on the adapter to secure the unit in
place.
• To mount the E5GN so that it is waterproof, insert the waterproof
packing onto the E5GN.
• When two or more E5GN Controllers are mounted, make sure that
the surrounding temperature does not exceed the allowable
operating temperature ranges in the specifications.
Group Mounted
Mounting separately does not allow waterproofing.
22
(0.87)
22
(0.87)
45
(1.77)
22
(0.87)
0
24
(0.94)
35
(1.38)
22
(0.87)
+0.6



Html Pages

1 2 3 4 5 6