| 전자부품 데이터시트 검색엔진 |
|
ADV7183ABST 데이터시트(PDF) 88 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7183ABST 데이터시트(HTML) 88 Page - Analog Devices |
|
88 / 104 page ![]() ADV7183A Rev. A | Page 88 of 104 Table 198. Registers 0x4D to 0x50 Bit Subaddress Register Bit Description 7 6 5 4 3 2 1 0 Comments 0 Disable CTI CTI_EN. CTI enable 1 Enable CTI 0 Disable CTI alpha blender CTI_AB_EN. Enables the mixing of the transient improved chroma with the original signal. 1 Enable CTI alpha blender 0 0 Sharpest mixing 0 1 Sharp mixing 1 0 Smooth CTI_AB[1:0]. Controls the behavior of the alpha-blend circuitry. 1 1 Smoothest Reserved 0 Set to default 0 Bypass the DNR block DNR_EN. Enable or bypass the DNR block. 1 Enable the DNR block Reserved 1 Set to default 0x4D CTI DNR Control 1 Reserved 1 Set to default 0x4E CTI DNR Control 2 CTI_CTH[7:0]. Specifies how big the amplitude step must be to be steepened by the CTI block. 0 0 0 0 1 0 0 0 Set to 0x04 for A/V input; set to 0x0A for tuner input 0x50 CTI DNR Control 4 DNR_TH[7:0]. Specifies the maximum edge that is interpreted as noise and is therefore blanked. 0 0 0 0 1 0 0 0 |