전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC450B 데이터시트(PDF) 1 Page - Continental Device India Limited

부품명 BC450B
상세설명  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CDIL [Continental Device India Limited]
홈페이지  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC450B 데이터시트(HTML) 1 Page - Continental Device India Limited

  BC450B Datasheet HTML 1Page - Continental Device India Limited BC450B Datasheet HTML 2Page - Continental Device India Limited BC450B Datasheet HTML 3Page - Continental Device India Limited BC450B Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC 446, A, B
BC 448, A, B
BC 450, A, B
TO-92
Plastic Package
General Purpose High Voltage Transistors.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Voltage
VCEO
60
80
100
V
Collector Base Voltage
VCBO
60
80
100
V
Emitter Base Voltage
VEBO
55
5
V
Collector Current Continuous
IC
300
mA
Total Device Dissipation@ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5
mW/ ºC
Total Device Dissipation@ Tc=25ºC
PD
1.5
W
Derate Above 25ºC
12
mW/ ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
200
ºC/W
Junction to case
Rth(j-c)
83.3
ºC/W
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 4


유사한 부품 번호 - BC450B

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
BC450B NJSEMI-BC450B Datasheet
90Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
More results

유사한 설명 - BC450B

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4