전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDR54S 데이터시트(PDF) 3 Page - First Silicon Co., Ltd

부품명 FDR54S
상세설명  Dual Serles Schottky Barrler Dlodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54S 데이터시트(HTML) 3 Page - First Silicon Co., Ltd

  FDR54S Datasheet HTML 1Page - First Silicon Co., Ltd FDR54S Datasheet HTML 2Page - First Silicon Co., Ltd FDR54S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M,1982
2. CONTROLLING DIMENSION: INCH.
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.1102
0.1197
2.80
3.04
B
0.0472
0.0551
1.20
1.40
C
0.0350
0.0440
0.89
1.11
D
0.0150
0.0200
0.37
0.50
G
0.0701
0.0807
1.78
2.04
H
0.0005
0.0040
0.013
0.100
J
0.0034
0.0070
0.085
0.177
K
0.0140
0.0285
0.35
0.69
L
0.0350
0.0401
0.89
1.02
S
0.0830
0.1039
2.10
2.64
V
0.0177
0.0236
0.45
0.60
SOT-23
D
J
K
L
A
C
B S
H
G
V
1
2
3
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0 031
0.8
2009. 05. 28
3/3
Revision No : 0
FDR54S



Html Pages

1 2 3