전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSR23B564MS 데이터시트(PDF) 39 Page - Kemet Corporation

부품명 CSR23B564MS
상세설명  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR23B564MS 데이터시트(HTML) 39 Page - Kemet Corporation

Back Button CSR23B564MS Datasheet HTML 35Page - Kemet Corporation CSR23B564MS Datasheet HTML 36Page - Kemet Corporation CSR23B564MS Datasheet HTML 37Page - Kemet Corporation CSR23B564MS Datasheet HTML 38Page - Kemet Corporation CSR23B564MS Datasheet HTML 39Page - Kemet Corporation CSR23B564MS Datasheet HTML 40Page - Kemet Corporation CSR23B564MS Datasheet HTML 41Page - Kemet Corporation CSR23B564MS Datasheet HTML 42Page - Kemet Corporation CSR23B564MS Datasheet HTML 43Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
KEMET T216
MIL-C-39003 (CSS13) CAPACITORS
KEMET EQUIVALENT
MAX. ESR
CAPACITANCE
CASE
PART NUMBER FOR
µA @ +25°
µA @ +85°
µA @ +125°
% @ -55°C
% @ -85°C
Ω @ 25°C
B
C
µF
SIZE
CSS13 CAPACITORS
MAX.
MAX.
MAX.
+25°C MAX.
+125°C MAX.
100kHz
(0.1)
(0.01)
15 VOLT RATING AT 85°C
2.7
A
T216A275K015CS
.3
6.0
7.5
4
4
1.20
3019(1)
3.3
A
T216A335K015CS
.4
8.0
10.0
4
4
1.00
3020(1)
18.0
B
T216B186K015CS
2.0
35.0
44.0
6
6
.27
3021(1)
22.0
B
T216B226K015CS
2.0
40.0
50.0
6
6
.26
3022(1)
56.0
C
T216C566K015CS
4.0
80.0
100.0
6
6
.15
3023(1)
68.0
C
T216C686K015CS
5.0
100.0
125.0
6
6
.13
3024(1)
120.0
D
T216D127K015CS
9.0
180.0
226.0
8
8
.09
3025(1)
150.0
D
T216D157K015CS
10.0
220.0
250.0
8
8
.09
3026(1)
20 VOLT RATING AT 85°C
1.2
A
T216A125K020CS
.3
6.0
7.5
4
4
1.40
3027(1)
1.5
A
T216A155K020CS
.3
6.0
7.5
4
4
1.30
3028(1)
1.8
A
T216A185K020CS
.3
6.0
7.5
4
4
1.25
3029(1)
2.2
A
T216A225K020CS
.4
8.0
10.0
4
4
1.20
3030(1)
8.2
B
T216B825K020CS
1.0
20.0
25.0
6
6
.39
3031(1)
10.0
B
T216B106K020CS
1.5
30.0
38.0
6
6
.35
3032(1)
12.0
B
T216B126K020CS
1.8
35.0
44.0
6
6
.32
3033(1)
15.0
B
T216B156K020CS
2.0
40.0
50.0
6
6
.29
3034(1)
27.0
C
T216C276K020CS
2.5
50.0
63.0
6
6
.21
3035(1)
33.0
C
T216C336K020CS
3.5
70.0
88.0
6
6
.19
3036(1)
39.0
C
T216C396K020CS
4.0
80.0
100.0
6
6
.17
3037(1)
47.0
C
T216C476K020CS
4.5
90.0
113.0
6
6
.16
3038(1)
56.0
D
T216D566K020BS
5.5
110.0
138.0
6
6
.13
2039(1)
68.0
D
T216D686K020BS
7.0
140.0
175.0
6
6
.12
2040(1)
82.0
D
T216D826K020BS
8.0
160.0
200.0
6
6
.11
2041(1)
100.0
D
T216D107K020BS
10.0
200.0
250.0
8
8
.10
2042(1)
35 VOLT RATING AT 85°C
5.6
B
T216B565K035BS
1.3
25.0
32.0
4
4
.47
2043(1)
6.8
B
T216B685K035BS
1.5
30.0
38.0
6
6
.43
2044(1)
22.0
C
T216C226K035BS
4.0
40.0
100.0
6
6
.25
2045(1)
27.0
D
T216D276K035BS
4.5
90.0
113.0
6
6
.18
2046(1)
33.0
D
T216D336K035BS
5.5
110.0
138.0
6
6
.17
2047(1)
39.0
D
T216D396K035BS
7.0
140.0
175.0
6
6
.15
2048(1)
47.0
D
T216D476K035BS
8.0
160.0
200.0
6
6
.14
2049(1)
50 VOLT RATING AT 85°C
.12
A
T216A124K050CS
.3
5.0
6.3
2
4
6.50
3067(1)
.15
A
T216A154K050CS
.3
5.0
6.3
2
4
5.50
3068(1)
.18
A
T216A184K050CS
.3
5.0
6.3
2
4
5.00
3069(1)
.22
A
T216A224K050CS
.3
5.0
6.3
2
4
4.00
3070(1)
.27
A
T216A274K050CS
.3
5.0
6.3
2
4
3.50
3071(1)
.33
A
T216A334K050CS
.3
5.0
6.3
2
4
3.30
3072(1)
.39
A
T216A394K050CS
.3
5.0
6.3
2
4
3.20
3073(1)
.47
A
T216A474K050CS
.3
5.0
6.3
2
4
3.00
3074(1)
.56
A
T216A564K050CS
.3
5.0
6.3
2
4
2.50
3075(1)
.68
A
T216A684K050CS
.3
5.0
6.3
2
4
1.80
3076(1)
.82
A
T216A824K050CS
.3
5.0
6.3
2
4
1.60
3077(1)
1.0
A
T216A105K050CS
.4
8.0
10.0
2
4
1.40
3078(1)
1.2
B
T216B125K050CS
.4
9.0
11.0
4
4
1.20
3079(1)
1.5
B
T216B155K050CS
.6
12.0
15.0
4
4
1.10
3080(1)
1.8
B
T216B185K050CS
.7
14.0
18.0
4
4
.92
3081(1)
2.2
B
T216B225K050CS
.8
17.0
22.0
4
4
.80
3082(1)
2.7
B
T216B275K050CS
1.0
20.0
25.0
4
4
.68
3083(1)
3.3
B
T216B335K050CS
1.2
25.0
32.0
4
4
.62
3084(1)
3.9
B
T216B395K050CS
1.5
30.0
38.0
4
4
.56
3085(1)
4.7
B
T216B475K050BS
1.7
35.0
44.0
4
4
.51
2086(1)
5.6
C
T216C565K050CS
2.2
45.0
56.0
4
4
.44
3087(1)
6.8
C
T216C685K050CS
2.2
45.0
56.0
6
6
.40
3088(1)
8.2
C
T216C825K050CS
2.5
50.0
63.0
6
6
.36
3089(1)
10.0
C
T216C106K050CS
2.5
50.0
63.0
6
6
.33
3090((1)
12.0
C
T216C126K050BS
3.0
60.0
75.0
6
6
.30
2091(1)
15.0
C
T216C156K020BS
4.0
80.0
100.0
6
6
.27
2092(1)
18.0
C
T216C186K050BS
4.5
90.0
113.0
6
6
.25
2093(1)
22.0
D
T216D226K050BS
5.5
100.0
138.0
6
6
.20
2094(1)
®
KEMET
TANTALUM HERMETICALLY SEALED / AXIAL — MIL-C-39003
T216 (CSS13) & T256 (CSS33) SERIES
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
39
DC LEAKAGE
MAX. DISSIPATION FACTOR
DASH NUMBER REFERENCE
FAILURERATELEVEL(%/1000HRS)
MIL-C-39003/10 GRADED
RATINGS & PART NUMBER REFERENCE T216/(CSS13) (Cont’d)
(1) To complete, insert S for sleeved or U for unsleeved, if “U” ordered also use C-0100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84