전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WNSC101200W 데이터시트(PDF) 3 Page - WeEn Semiconductors

부품명 WNSC101200W
상세설명  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WEEN [WeEn Semiconductors]
홈페이지  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC101200W 데이터시트(HTML) 3 Page - WeEn Semiconductors

  WNSC101200W Datasheet HTML 1Page - WeEn Semiconductors WNSC101200W Datasheet HTML 2Page - WeEn Semiconductors WNSC101200W Datasheet HTML 3Page - WeEn Semiconductors WNSC101200W Datasheet HTML 4Page - WeEn Semiconductors WNSC101200W Datasheet HTML 5Page - WeEn Semiconductors WNSC101200W Datasheet HTML 6Page - WeEn Semiconductors WNSC101200W Datasheet HTML 7Page - WeEn Semiconductors WNSC101200W Datasheet HTML 8Page - WeEn Semiconductors WNSC101200W Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
WeEn Semiconductors
WNSC101200W
Silicon Carbide Diode
WNSC101200W
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2019. All rights reserved
2 July 2019
3 / 11
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Values
Unit
VRRM
repetitive peak reverse
voltage
1200
V
VRWM
crest working reverse
voltage
1200
V
VR
reverse voltage
DC
1200
V
IF(AV)
average forward current
δ = 0.5 ; square-wave pulse; Tmb ≤ 138 °C;
Fig. 1; Fig. 2; Fig. 3; Fig. 4
10
A
IFRM
repetitive peak forward
current
δ = 0.5 ; tp = 25 μs; Tmb ≤ 138 °C;
square-wave pulse
20
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; Tj(init) = 25 °C; sine-wave pulse
110
A
tp = 10 μs; Tj(init) = 25 °C; sine-wave pulse
720
A
I2t
I2t for fusing
sine-wave pulse; Tj(init) = 25 °C; tp = 10 ms
61
A2s
Tstg
storage temperature
-55 to 175
°C
Tj
junction temperature
175
°C
04
81216
0
8
16
24
32
40
IF(AV) (A)
Ptot
(W)
aaf563
175
136.6
146.2
155.8
165.4
Tmb(max)
(°C)
127
δ = 1
0.5
0.2
0.1
Vo = 0.623V
Rs = 0.1227
-50
050
100
150
200
0
2
4
6
8
10
12
Tmb(°C)
IF(AV)
(A)
aaf565
138 °C
IF(AV) = IF(RMS) × √δ
Fig. 1. Forward power dissipation as a function of
average forward current; square waveform;
typical values
Fig. 2. Forward current as a function of mounting
base temperature; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11