| 전자부품 데이터시트 검색엔진 |
|
LM3123ABO 데이터시트(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM3123ABO 데이터시트(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
7 / 10 page ![]() TOPWAY LCD Module User Manual LM3123ABO URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM3123ABO-Manual-Rev0.1.DOC Page: 7 of 10 4. Function Specifications 4.1 Basic Setting To drive the LCD module correctly and provide normally display, please use the following setting Select duty = 1/32 Static drive ON/OFF = OFF (Normal Driving) ADC = 1 Display Start Line = 0 DISPLAY ON/OFF = ON Read-Modify-Write = OFF 4.2 Resetting the LCD Module The LCD module should be initialized by the hardware reset during power on sequence. Keep /RES terminal at high level, during the power on. After the power supply is stable, a hardware reset signal should apply to the /RES terminal. The LCD module will be initialized at the rising and falling edge of the /RES signal. For normal running, /RES signal must keep at high level. After the Hardware Reset, the LCD module controllers’ status will be: (note: this is not the basic setting for normal display) - Display ON/OFF = OFF - Display start line register = 0 - Static drive ON/OFF = OFF (Normal Driving) - Column address counter = 0 - Page address register = Page 3 - Select duty = 1/32 - ADC = 1 - Read-Modify-Write = OFF 4.3 Adjusting the LCD Display Contrast A Variable-Resistor must be connected to the LCD module for providing a reference to V0. Adjusting the VR will result the change of LCD display contrast. The recommended value of VR is 25k to 50k LCD module VOUT V0 VSS VDD VR |