전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2809607 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 2809607
상세설명  Surge protection device - TT-SLKK5-S- 24DC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2809607 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  2809607 Datasheet HTML 1Page - PHOENIX CONTACT 2809607 Datasheet HTML 2Page - PHOENIX CONTACT 2809607 Datasheet HTML 3Page - PHOENIX CONTACT 2809607 Datasheet HTML 4Page - PHOENIX CONTACT 2809607 Datasheet HTML 5Page - PHOENIX CONTACT 2809607 Datasheet HTML 6Page - PHOENIX CONTACT 2809607 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/2809607
05.10.2012   Page 1 / 7
Surge protection device - TT-SLKK5-S- 24DC - 2809607
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Modular terminal block with suppressor diode as surge voltage protection between clamping
connector and DIN rail, separate ground connection, nominal voltage: 24 V DC, mounting on NS
35/7.5, terminal width: 6.2 mm, terminal height: 69 mm
The illustration shows version
TT-SLKK5-S- 5 DC
Why buy this product
 Modular terminal blocks with screw connection technology
 Protective element between the feed-through terminal block and the metal mounting foot
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 112 (TT-2011)
GTIN
Custom tariff number
85363030
Country of origin
GERMANY
Technical data
General
Housing material
PA
Inflammability class according to UL 94
V2
Color
black
Total surge current (8/20) µs
169 A
Ambient temperature (operation)
-40 °C ... 85 °C
Mounting type
DIN rail: 35 mm
Design
Single-level terminal block – separate PE connection
Degree of protection
IP20
Direction of action
Line-Earth Ground
Width
6.2 mm
Height
66.5 mm
Depth
69.5 mm


유사한 부품 번호 - 2809607

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
280961-03 VISHAY-280961-03 Datasheet
156Kb / 3P
Plasma Display Modules
14-Jun-04
logo
PHOENIX CONTACT
2809610 PHOENIX-2809610 Datasheet
117Kb / 6P
TT-SLKK5-S- 48DC
2809649 PHOENIX-2809649 Datasheet
63Kb / 5P
Surge protection device - TT-SLKK5-S- 24AC
2809665 PHOENIX-2809665 Datasheet
119Kb / 5P
TT-SLKK5-S- 60AC
More results

유사한 설명 - 2809607

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
2765602 PHOENIX-2765602 Datasheet
76Kb / 7P
Surge protection device - TT-SLKK5-F/110AC
2794699 PHOENIX-2794699 Datasheet
109Kb / 7P
Surge protection device - TT-UK5/ 24DC
2794903 PHOENIX-2794903 Datasheet
82Kb / 7P
Surge protection device - TT-SLKK5/ 24DC
2794929 PHOENIX-2794929 Datasheet
62Kb / 5P
Surge protection device - TT-SLKK5/ 60DC
2794945 PHOENIX-2794945 Datasheet
67Kb / 5P
Surge protection device - TT-SLKK5/ 12AC
2794961 PHOENIX-2794961 Datasheet
63Kb / 5P
Surge protection device - TT-SLKK5/ 48AC
2794974 PHOENIX-2794974 Datasheet
63Kb / 5P
Surge protection device - TT-SLKK5/ 60AC
2794987 PHOENIX-2794987 Datasheet
81Kb / 7P
Surge protection device - TT-SLKK5/110AC
2809597 PHOENIX-2809597 Datasheet
62Kb / 5P
Surge protection device - TT-SLKK5-S- 12DC
2809649 PHOENIX-2809649 Datasheet
63Kb / 5P
Surge protection device - TT-SLKK5-S- 24AC
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com