전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSC1001AE2-T 데이터시트(PDF) 14 Page - Microchip Technology

부품명 DSC1001AE2-T
상세설명  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001AE2-T 데이터시트(HTML) 14 Page - Microchip Technology

Back Button DSC1001AE2-T Datasheet HTML 10Page - Microchip Technology DSC1001AE2-T Datasheet HTML 11Page - Microchip Technology DSC1001AE2-T Datasheet HTML 12Page - Microchip Technology DSC1001AE2-T Datasheet HTML 13Page - Microchip Technology DSC1001AE2-T Datasheet HTML 14Page - Microchip Technology DSC1001AE2-T Datasheet HTML 15Page - Microchip Technology DSC1001AE2-T Datasheet HTML 16Page - Microchip Technology DSC1001AE2-T Datasheet HTML 17Page - Microchip Technology DSC1001AE2-T Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
DSC1001/3/4
DS20005529B-page 14
 2017 Microchip Technology Inc.
4-Lead DFN 7.0 mm x 5.0 mm Package Outline & Recommended Land Pattern
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com