전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSC12X1 데이터시트(PDF) 21 Page - Microchip Technology

부품명 DSC12X1
상세설명  High Performance CMOS MEMS Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X1 데이터시트(HTML) 21 Page - Microchip Technology

Back Button DSC12X1 Datasheet HTML 17Page - Microchip Technology DSC12X1 Datasheet HTML 18Page - Microchip Technology DSC12X1 Datasheet HTML 19Page - Microchip Technology DSC12X1 Datasheet HTML 20Page - Microchip Technology DSC12X1 Datasheet HTML 21Page - Microchip Technology DSC12X1 Datasheet HTML 22Page - Microchip Technology DSC12X1 Datasheet HTML 23Page - Microchip Technology DSC12X1 Datasheet HTML 24Page - Microchip Technology DSC12X1 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
 2019 Microchip Technology Inc.
DS20006010A-page 21
DSC12X1
6-Lead VDFN 7.0 mm x 5.0 mm Package Outline and Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30