| 전자부품 데이터시트 검색엔진 |
|
STM32MP157C 데이터시트(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157C 데이터시트(HTML) 95 Page - STMicroelectronics |
|
95 / 258 page ![]() Port B PB11 - TIM2_CH4 - LPTIM2_ETR I2C2_SDA - DFSDM1_ CKIN7 USART3_RX PB12 - TIM1_BKIN I2C6_SMBA - I2C2_SMBA SPI2_NSS/ I2S2_WS DFSDM1_ DATIN1 USART3_CK PB13 - TIM1_CH1N - DFSDM1_ CKOUT LPTIM2_OUT SPI2_SCK/ I2S2_CK DFSDM1_ CKIN1 USART3_CTS/ USART3_NSS PB14 - TIM1_CH2N TIM12_CH1 TIM8_CH2N USART1_TX SPI2_MISO/ I2S2_SDI DFSDM1_ DATIN2 USART3_RTS/ USART3_DE PB15 RTC_REFIN TIM1_CH3N TIM12_CH2 TIM8_CH3N USART1_RX SPI2_MOSI/ I2S2_SDO DFSDM1_ CKIN2 - Port C PC0 --- DFSDM1_ CKIN0 LPTIM2_IN2 - DFSDM1_ DATIN4 - PC1 TRACED0 - SAI1_D1 DFSDM1_ DATIN0 DFSDM1_ CKIN4 SPI2_MOSI/ I2S2_SDO SAI1_SD_A - PC2 --- DFSDM1_ CKIN1 - SPI2_MISO/ I2S2_SDI DFSDM1_ CKOUT - PC3 TRACECLK - - DFSDM1_ DATIN1 - SPI2_MOSI/ I2S2_SDO -- PC4 --- DFSDM1_ CKIN2 - I2S1_MCK - - PC5 - - SAI1_D3 DFSDM1_ DATIN2 SAI4_D4 - SAI1_D4 - PC6 HDP1 - TIM3_CH1 TIM8_CH1 DFSDM1_ CKIN3 I2S2_MCK - USART6_TX Table 8. Alternate function AF0 to AF7(1) (continued) Port AF0AF1 AF2AF3 AF4AF5 AF6 AF7 HDP/SYS/RTC TIM1/2/16/17/ LPTIM1/SYS/ RTC SAI1/4/I2C6/ TIM3/4/5/12/ HDP/SYS SAI4/I2C2/ TIM8/ LPTIM2/3/4/5/ DFSDM1 /SDMMC1 SAI4/ I2C1/2/3/4/5/ USART1/ TIM15/LPTIM2/ DFSDM1/CEC SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/5/6/I2C1/ SDMMC1/3/ CEC SPI3/I2S3/ SAI1/3/4/ I2C4/UART4/ DFSDM1 SPI2/I2S2/ SPI3/I2S3/ SPI6/ USART1/2/3/6/ UART7/ SDMMC2 |