| 전자부품 데이터시트 검색엔진 |
|
STUSB4710AQ1TR 데이터시트(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4710AQ1TR 데이터시트(HTML) 8 Page - STMicroelectronics |
|
8 / 34 page ![]() Inputs/outputs STUSB4710 8/34 DocID030499 Rev 4 Name Type Description Connection VBUS_DISCH Output External discharge control signal VBUS_EN_SRC 20 V OD VBUS source power path enable – active low open-drain To switch or power system – ext. pull-up VREG_1V2 Analog 1.2 V regulator output 1 µF typ. decoupling capacitor VREG_2V7 Analog 2.7 V regulator output 1 µF typ. decoupling capacitor VDD 20 V power Main power supply (USB power line) From VBUS (system side) EP Exposed pad Exposed pad is connected to ground To ground Table 3: Legend Type Description D Digital A Analog O Output pad I Input pad IO Bidirectional pad OD Open drain output PD Pull-down PU Pull-up PWR Power supply GND Ground 2.3 Pin description 2.3.1 CC1 / CC2 CC1 and CC2 are the configuration channel pins used for connection and attachment detection, plug orientation determination and system configuration management across USB Type-C cable. CC1/CC2 are HiZ during reset. 2.3.2 I2C interface pins Table 4: I²C interface pin list Name Description SCL I²C clock – needs external pull-up SDA I²C data – needs external pull-up 2.3.3 VBUS_SENSE This input pin is used to sense VBUS presence, monitor VBUS voltage and discharge VBUS on USB Type-C receptacle side. |