전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPC2019 데이터시트(PDF) 3 Page - Espros Photonics corp

부품명 EPC2019
상세설명  Enhancement Mode Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPC [Espros Photonics corp]
홈페이지  http://www.espros.ch
Logo EPC - Espros Photonics corp

EPC2019 데이터시트(HTML) 3 Page - Espros Photonics corp

  EPC2019 Datasheet HTML 1Page - Espros Photonics corp EPC2019 Datasheet HTML 2Page - Espros Photonics corp EPC2019 Datasheet HTML 3Page - Espros Photonics corp EPC2019 Datasheet HTML 4Page - Espros Photonics corp EPC2019 Datasheet HTML 5Page - Espros Photonics corp EPC2019 Datasheet HTML 6Page - Espros Photonics corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
eGaN® FET DATASHEET
EPC2019
EPC – THE LEADER IN GaN TECHNOLOGY | WWW.EPC-CO.COM | COPYRIGHT 2019 |
| 3
All measurements were done with substrate shortened to source.
Figure 5b: Capacitance (Log Scale)
VDS – Drain-to-Source Voltage (V)
COSS = CGD + CSD
CISS = CGD + CGS
CRSS = CGD
1000
100
10
1
0.1
0
50
100
150
200
VSD– Source-to-Drain Voltage (V)
Figure 7: Reverse Drain-Source Characteristics
0
2
4
6
8
10
12
14
16
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4 .0
4.5
5.0
25˚C
125˚C
Figure 9: Normalized Threshold Voltage vs. Temperature
1.4
1.3
1.2
1.0
1.1
0.9
0.8
0.7
0.6
0
25
50
75
100
125
150
TJ – Junction Temperature (°C)
ID = 1.5 mA
Figure 5a: Capacitance (Linear Scale)
VDS – Drain-to-Source Voltage (V)
COSS = CGD + CSD
CISS = CGD + CGS
CRSS = CGD
400
350
300
250
200
150
100
50
0
0
50
100
150
200
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
Figure 6: Gate Charge
QG – Gate Charge (nC)
ID = 7 A
VDS = 100 V
Figure 8: Normalized On-State Resistance vs. Temperature
ID = 7 A
VGS = 5 V
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0
25
50
75
100
125
150
TJ – Junction Temperature (°C)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com