| 전자부품 데이터시트 검색엔진 |
|
VSC8504-01 데이터시트(PDF) 78 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8504-01 데이터시트(HTML) 78 Page - Microsemi Corporation |
|
78 / 136 page ![]() Registers VMDS-10402 VSC8504-01 Datasheet Revision 4.3 67 the signal quality. Changing these settings also affects the linearity and harmonic distortion of the transmitted signals. For help with changing these values, contact your Microsemi representative. Table 56 • Cu PMD Transmit Control, Address 16E2 (0x10) Bit Name Access Description Default 15:12 1000BASE-T signal amplitude trim(1) R/W 1000BASE-T signal amplitude 1111: -1.7% 1110: -2.6% 1101: -3.5% 1100: -4.4% 1011: -5.3% 1010: -7% 1001: -8.8% 1000: -10.6% 0111: 5.5% 0110: 4.6% 0101: 3.7% 0100: 2.8% 0011: 1.9% 0010: 1% 0001: 0.1% 0000: -0.8% 0000 11:8 100BASE-TX signal amplitude trim(2) R/W 100BASE-TX signal amplitude 1111: -1.7% 1110: -2.6% 1101: -3.5% 1100: -4.4% 1011: -5.3% 1010: -7% 1001: -8.8% 1000: -10.6% 0111 5.5% 0110: 4.6% 0101: 3.7% 0100: 2.8% 0011: 1.9% 0010: 1% 0001: 0.1% 0000: -0.8% 0010 7:4 10BASE-T signal amplitude trim(3) R/W 10BASE-T signal amplitude 1111: -7% 1110: -7.9% 1101: -8.8% 1100: -9.7% 1011: -10.6% 1010: -11.5% 1001: -12.4% 1000: -13.3% 0111: 0% 0110: -0.7% 0101: -1.6% 0100: -2.5% 0011: -3.4% 0010: -4.3% 0001: -5.2% 0000: -6.1% 1011 |