전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMD196 데이터시트(PDF) 1 Page - Custom MMIC Design Services, Inc.

부품명 CMD196
상세설명  DC-28 GHz SPDT Non-reflective Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MMIC [Custom MMIC Design Services, Inc.]
홈페이지  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD196 데이터시트(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD196 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD196 Datasheet HTML 9Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
► Low loss broadband performance
► High isolation
► Fast switching speed
► Non-reflective design
► Small die size
Electrical Performance - Vctl = 0/-5 V, TA = 25
oC, F = 14 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Insertion Loss
1.75
dB
Isolation
46
dB
Return Loss - On State
15
dB
Return Loss RF1, RF2 - Off State
25
dB
Input P1dB
23
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
1.8
11/4
ns
ns
DC - 28
ver 1.6 0319
1
2
3
4
5
6
7
8
9
10
RFC
A
B
RF1
RF2
B
A
A
B
A
The CMD196
is a
general purpose
broadband high isolation non-reflective
MMIC
SPDT
switch
in
die
form.
Covering DC to 28 GHz, the CMD196
features a low insertion loss of 1.75 dB
and high isolation of 46 dB at 14 GHz.
T he
C M D 1 9 6
op er a t es
u s i n g
complementary control voltage logic lines
of 0/-5 V and requires no bias supply.
CMD196
DC-28 GHz SPDT Non-reflective Switch


유사한 부품 번호 - CMD196

제조업체부품명데이터시트상세설명
logo
Qorvo, Inc
CMD196 QORVO-CMD196 Datasheet
304Kb / 10P
DC - 28 GHz SPDT Non-reflective Switch
Rev. C, June 9, 2022
logo
Custom MMIC Design Serv...
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
logo
Qorvo, Inc
CMD196C3 QORVO-CMD196C3 Datasheet
560Kb / 10P
DC-18 GHz SPDT Non-reflective Switch
Rev B. April 29, 2022
CMD196C3-EVB QORVO-CMD196C3-EVB Datasheet
560Kb / 10P
DC-18 GHz SPDT Non-reflective Switch
Rev B. April 29, 2022
More results

유사한 설명 - CMD196

제조업체부품명데이터시트상세설명
logo
Hittite Microwave Corpo...
HMC284MS8G HITTITE-HMC284MS8G Datasheet
208Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC435MS8G HITTITE-HMC435MS8G_07 Datasheet
210Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
List of Unclassifed Man...
HMC284MS8GE ETC2-HMC284MS8GE Datasheet
221Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Custom MMIC Design Serv...
CMD196C3 MMIC-CMD196C3 Datasheet
257Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD195C3 MMIC-CMD195C3 Datasheet
252Kb / 9P
DC-18 GHz SPDT Non-reflective Switch
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
DC-20 GHz SPDT Non-reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com