전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS4448HCDW 데이터시트(PDF) 2 Page - First Silicon Co., Ltd

부품명 FDS4448HCDW
상세설명  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FS [First Silicon Co., Ltd]
홈페이지  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS4448HCDW 데이터시트(HTML) 2 Page - First Silicon Co., Ltd

  FDS4448HCDW Datasheet HTML 1Page - First Silicon Co., Ltd FDS4448HCDW Datasheet HTML 2Page - First Silicon Co., Ltd FDS4448HCDW Datasheet HTML 3Page - First Silicon Co., Ltd FDS4448HCDW Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FDS4448HCDW
2016. 07. 13
2/4
Revision No : 0
ELECTRICAL CHARACTERISTICS
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse Breakdown Voltage
V (BR)
80
V
IR=100μA
VF1
0.62
0.72
V
IF=5mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=100mA
Forward Voltage
VF4
1.25
V
IF=150mA
IR1
100
VR=70V
Reverse Current
IR2
25
nA
VR=20V
Capacitance Between Terminals
CT
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
nA
3.5
pF
IF=IR=10mA
Irr=0.1XIR,RL=100Ω



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com