| 전자부품 데이터시트 검색엔진 |
|
05200094 데이터시트(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
05200094 데이터시트(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() Flow velocity measuring instrument with temperature measurement Volume flow measurement up to 99990 m³/h Extendable telescope up to 300 mm Display illumination Thermal anemometer testo 405 m/s °C testo 405 is a thermal anemometer. It allows the precise measurement of air flow velocity, volume flow and temperature. With the extendable telescope (up to 300 mm), testo 405 is particularly suited for measuring the flow velocity in ducts. Thanks to the attachment included in delivery, the telescope can be optimally positioned in a duct. The testo 405 measures especially accurately in the range from 0 and 2 m/s. Low air flow velocities such as at draughty windows, for example, can thus be localized exactly and measured extremely accurately. The display can be rotated into different positions. This enables optimum readout of the measurement values. www.testo.com We measure it. testo-405-P01 12.07.2013 07:33 Seite 1 |
유사한 부품 번호 - 05200094 |
|
유사한 설명 - 05200094 |