전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CMD232 데이터시트(PDF) 4 Page - Custom MMIC Design Services, Inc.

부품명 CMD232
상세설명  2-9 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MMIC [Custom MMIC Design Services, Inc.]
홈페이지  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD232 데이터시트(HTML) 4 Page - Custom MMIC Design Services, Inc.

  CMD232 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD232 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Gain vs. Temperature, Vdd = 6.0 V
Typical Performance
Gain vs. Supply Voltage, TA = 25
oC
ver 1.2 0616
CMD232
CMD232
CMD232
2-9 GHz Driver Amplifier
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
Frequency/GHz
+25C
+85C
-55C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
Frequency/GHz
Vdd=5V
Vdd=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com