| 전자부품 데이터시트 검색엔진 |
|
MCP23008 데이터시트(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP23008 데이터시트(HTML) 10 Page - Microchip Technology |
|
10 / 40 page ![]() MCP23008/MCP23S08 DS21919B-page 10 © 2005 Microchip Technology Inc. 1.6.3 INTERRUPT-ON-CHANGE CONTROL (GPINTEN) REGISTER The GPINTEN register controls the interrupt-on- change feature for each pin. If a bit is set, the corresponding pin is enabled for interrupt-on-change. The DEFVAL and INTCON registers must also be configured if any pins are enabled for interrupt-on-change. REGISTER 1-3: GPINTEN – INTERRUPT-ON-CHANGE PINS (ADDR 0x02) R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 GPINT7 GPINT6 GPINT5 GPINT4 GPINT3 GPINT2 GPINT1 GPINT0 bit 7 bit 0 bit 7-0 GPINT7:GPINT0: General purpose I/O interrupt-on-change bits <7:0>. 1 = Enable GPIO input pin for interrupt-on-change event. 0 = Disable GPIO input pin for interrupt-on-change event. Refer to INTCON and GPINTEN. Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ - n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown |