전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCP23S08-E/P 데이터시트(PDF) 11 Page - Microchip Technology

부품명 MCP23S08-E/P
상세설명  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/P 데이터시트(HTML) 11 Page - Microchip Technology

Back Button MCP23S08-E/P Datasheet HTML 7Page - Microchip Technology MCP23S08-E/P Datasheet HTML 8Page - Microchip Technology MCP23S08-E/P Datasheet HTML 9Page - Microchip Technology MCP23S08-E/P Datasheet HTML 10Page - Microchip Technology MCP23S08-E/P Datasheet HTML 11Page - Microchip Technology MCP23S08-E/P Datasheet HTML 12Page - Microchip Technology MCP23S08-E/P Datasheet HTML 13Page - Microchip Technology MCP23S08-E/P Datasheet HTML 14Page - Microchip Technology MCP23S08-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 11
MCP23008/MCP23S08
1.6.4
DEFAULT COMPARE (DEFVAL)
REGISTER FOR INTERRUPT-ON-
CHANGE
The default comparison value is configured in the
DEFVAL register. If enabled (via GPINTEN and
INTCON) to compare against the DEFVAL register, an
opposite value on the associated pin will cause an
interrupt to occur.
REGISTER 1-4:
DEFVAL – DEFAULT VALUE REGISTER (ADDR 0x03)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
DEF7
DEF6
DEF5
DEF4
DEF3
DEF2
DEF1
DEF0
bit 7
bit 0
bit 7-0
DEF7:DEF0: These bits set the compare value for pins configured for interrupt-on-change from
defaults <7:0>. Refer to INTCON.
If the associated pin level is the opposite from the register bit, an interrupt occurs.
Refer to INTCON and GPINTEN.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40