전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSB128 데이터시트(PDF) 2 Page - ABB

부품명 GSB128
상세설명  2-PC INNER SLVE CONN SLV I.D. 0.128
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ABB [ABB]
홈페이지  http://www.abb.com
Logo ABB - ABB

GSB128 데이터시트(HTML) 2 Page - ABB

  GSB128 Datasheet HTML 1Page - ABB GSB128 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Hard Bronze
Material
0
Number of Batteries
STA-KON AND CATAMOUNT TERMINAL
Product Name
Two-Piece Inner Sleeve Connector
Product Type
Shielded cable grounding system made of 2 cylindrical sleeves (inner sleeve + outer sleeve), for solderless
crimp connection. Inner sleeve for the Hexagonal Range (the corresponding outer sleeve is crimped with a
hand tool and the result is a hexagonal-shaped crimp), for grounding shielded and coaxial cables. The
sleeves are color coded according to their size. Millions of installations in communications, aerospace,
electronic, telephone, radio and TV applications.
Special Functions
786210812977
UPC
GSB128
Data Sheet, Technical Information
GSB128
Instructions and Manuals
Certificates and Declarations (Document Number)
—
EC002650 - Connection for screened wires
ETIM 6
EC002650 - Connection for screened wires
ETIM 7
39121432
UNSPSC
Product Not in WEEE Scope
WEEE Category
4603 >> Electrical terminals
IDEA Granular Category Code (IGCC)
Classifications
—
Low Voltage Products and Systems → Installation Products → Wire Management and Connectivity → Compression & Mechanical Connectors
Categories
—
2
GSB128



Html Pages

1 2