| 전자부품 데이터시트 검색엔진 |
|
P83C151SA 데이터시트(PDF) 25 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
P83C151SA 데이터시트(HTML) 25 Page - Intel Corporation |
|
25 / 33 page ![]() 8XC151SASB HIGH-PERFORMANCE CHMOS MICROCONTROLLER AC CharacteristicsSerial Port Shift Register Mode Table 10 Serial Port Timing Shift Register Mode Symbol Parameter Min Max Units TXLXL Serial Port Clock Cycle Time 12TOSC ns TQVSH Output Data Setup to Clock Rising Edge 10TOSC b 133 ns TXHQX Output Data Hold after Clock Rising Edge 2TOSC b 117 ns TXHDX Input Data Hold after Clock Rising Edge 0 ns TXHDV Clock Rising Edge to Input Data Valid 10TOSC b 133 ns 272814 – 12 TI and RI are set during S1P1 of the peripheral cycle following the shift of the eighth bit Figure 12 Serial Port Waveform Shift Register Mode 25 |