전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCI6621 데이터시트(PDF) 29 Page - Texas Instruments

부품명 PCI6621
상세설명  DUAL/SINGLE SOCKET CARDBUS AND ULTRAMEDIA CONTROLLER
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

PCI6621 데이터시트(HTML) 29 Page - Texas Instruments

Back Button PCI6621 Datasheet HTML 25Page - Texas Instruments PCI6621 Datasheet HTML 26Page - Texas Instruments PCI6621 Datasheet HTML 27Page - Texas Instruments PCI6621 Datasheet HTML 28Page - Texas Instruments PCI6621 Datasheet HTML 29Page - Texas Instruments PCI6621 Datasheet HTML 30Page - Texas Instruments PCI6621 Datasheet HTML 31Page - Texas Instruments PCI6621 Datasheet HTML 32Page - Texas Instruments PCI6621 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 204 page
background image
2−9
Table 2−2. CardBus PC Card Signal Names Sorted Alphabetically
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
SIGNAL NAME
TERMINAL
NUMBER
AD0
W13
A_CAD5
A13
A_CPERR
F10
B_CAD30
A16
AD1
N11
A_CAD6
F12
A_CREQ
E07
B_CAD31
B15
AD2
U12
A_CAD7
C13
A_CRST
A06
B_CAUDIO
C17
AD3
V12
A_CAD8
E12
A_CSERR
B03
B_CBLOCK
J19
AD4
W12
A_CAD9
A12
A_CSTOP
A09
B_CC/BE0
M18
AD5
R11
A_CAD10
B12
A_CSTSCHG
B02
B_CC/BE1
K14
AD6
U11
A_CAD11
C12
A_CTRDY
A08
B_CC/BE2
G18
AD7
V11
A_CAD12
B11
A_CVS1
A03
B_CC/BE3
F15
AD8
N10
A_CAD13
C11
A_CVS2
E08
B_CCD1
N13
AD9
R10
A_CAD14
G11
A_RSVD
B13
B_CCD2
B17
AD10
U10
A_CAD15
E11
A_RSVD
C10
B_CCLK
H18
AD11
V10
A_CAD16
A10
A_RSVD
D02
B_CCLKRUN
A18
AD12
N09
A_CAD17
A07
A_USB_EN
E02
B_CDEVSEL
H19
AD13
R09
A_CAD18
B07
B_CAD0
P19
B_CFRAME
G19
AD14
U09
A_CAD19
C07
B_CAD1
P17
B_CGNT
J15
AD15
V09
A_CAD20
G09
B_CAD2
P18
B_CINT
B19
AD16
R07
A_CAD21
B06
B_CAD3
M13
B_CIRDY
J13
AD17
U06
A_CAD22
C06
B_CAD4
N15
B_CPAR
K13
AD18
V06
A_CAD23
B05
B_CAD5
N18
B_CPERR
J18
AD19
W06
A_CAD24
E06
B_CAD6
N19
B_CREQ
E18
AD20
P06
A_CAD25
A04
B_CAD7
M15
B_CRST
F17
AD21
R06
A_CAD26
B04
B_CAD8
M14
B_CSERR
B18
AD22
U05
A_CAD27
B01
B_CAD9
M17
B_CSTOP
J17
AD23
V05
A_CAD28
C02
B_CAD10
L19
B_CSTSCHG
F14
AD24
V04
A_CAD29
D03
B_CAD11
L18
B_CTRDY
H17
AD25
U04
A_CAD30
C01
B_CAD12
L17
B_CVS1
C18
AD26
V03
A_CAD31
D01
B_CAD13
L15
B_CVS2
F19
AD27
W02
A_CAUDIO
A02
B_CAD14
K18
B_RSVD
A15
AD28
U03
A_CBLOCK
E10
B_CAD15
L13
B_RSVD
K15
AD29
V02
A_CC/BE0
G12
B_CAD16
K17
B_RSVD
N17
AD30
V01
A_CC/BE1
B10
B_CAD17
G17
B_USB_EN
E01
AD31
U02
A_CC/BE2
F09
B_CAD18
H15
C/BE0
W11
AGND
N12
A_CC/BE3
C05
B_CAD19
H14
C/BE1
W09
AGND
U14
A_CCD1
C15
B_CAD20
F18
C/BE2
W07
AGND
U16
A_CCD2
E05
B_CAD21
G15
C/BE3
W04
AVDD
R13
A_CCLK
E09
B_CAD22
E19
CLK_48
M01
AVDD
R14
A_CCLKRUN
C03
B_CAD23
E17
CLOCK
L06
AVDD
V17
A_CDEVSEL
C09
B_CAD24
D18
DATA
N01
A_CAD0
E14
A_CFRAME
C08
B_CAD25
C19
DEVSEL
N08
A_CAD1
B14
A_CGNT
B09
B_CAD26
D17
FRAME
V07
A_CAD2
A14
A_CINT
C04
B_CAD27
C16
GND
G07
A_CAD3
E13
A_CIRDY
B08
B_CAD28
A17
GND
G08
A_CAD4
C14
A_CPAR
G10
B_CAD29
B16
GND
G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More