전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRF2373 데이터시트(PDF) 1 Page - Guerrilla RF, Inc.

부품명 GRF2373
상세설명  Low-current LNA/Driver 0.1??.8 GHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GUERRILLA [Guerrilla RF, Inc.]
홈페이지  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2373 데이터시트(HTML) 1 Page - Guerrilla RF, Inc.

  GRF2373 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2373 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
GRF2373
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 05/30/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Preliminary
Low-current LNA/Driver
0.1—3.8 GHz
GRF2373 can serve as a low current, high gain LNA or
linear driver tunable over 100 to 3800 MHz. It exhibits
outstanding gain and NF with a typical bias condition of
3.3 volts and 15 mA. Iccq.
The device is operated from a supply voltage (VCC) of 1.8
to 5.0 V with a selectable ICCQ range of 10 to 25 mA for
optimal efficiency and linearity.
Consult with the GRF applications engineering team for
custom tuning/evaluation board data and device s-
parameters.
Product Description
Features
Reference: 3.3V/15mA/1900 MHz
• EVB NF: 1.3 dB
• Gain: 18.5 dB
• OP1dB: 13.5 dBm
• OIP3: 25.0
• Flexible Bias Voltage and Current
• Process: InGaP HBT
Applications
• Drones
• Small Cells and Cellular Repeaters
• Distributed Antenna Systems
• Set Top Boxes
• General Purpose Amplification
• VHF/UHF/900/2400 ISM


유사한 부품 번호 - GRF2373

제조업체부품명데이터시트상세설명
logo
Guerrilla RF, Inc.
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
More results

유사한 설명 - GRF2373

제조업체부품명데이터시트상세설명
logo
Guerrilla RF, Inc.
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF2100 GUERRILLA-GRF2100 Datasheet
822Kb / 11P
Low-current LNA 0.1??.8 GHz
GRF2140 GUERRILLA-GRF2140 Datasheet
1Mb / 16P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
GRF2374 GUERRILLA-GRF2374 Datasheet
1Mb / 19P
Low Current LNA w/Bypass Tuning Range: 0.1 to 3.8 GHz
logo
Qorvo, Inc
QPL9547 QORVO-QPL9547 Datasheet
1Mb / 11P
0.1 -6 GHz Ultra Low-Noise LNA
June 02, 2020
logo
Guerrilla RF, Inc.
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
GRF2100W GUERRILLA-GRF2100W Datasheet
1Mb / 17P
LOW-CURRENT LNA 0.1 to 3.8 GHz
May 1, 2023
GRF2108 GUERRILLA-GRF2108 Datasheet
807Kb / 13P
Low-current LNA 0.1—3.8 GHz
08/13/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com