전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3070310 데이터시트(PDF) 8 Page - PHOENIX CONTACT

부품명 3070310
상세설명  Test disconnect terminal block - USST 6-T/SB
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3070310 데이터시트(HTML) 8 Page - PHOENIX CONTACT

Back Button 3070310 Datasheet HTML 4Page - PHOENIX CONTACT 3070310 Datasheet HTML 5Page - PHOENIX CONTACT 3070310 Datasheet HTML 6Page - PHOENIX CONTACT 3070310 Datasheet HTML 7Page - PHOENIX CONTACT 3070310 Datasheet HTML 8Page - PHOENIX CONTACT 3070310 Datasheet HTML 9Page - PHOENIX CONTACT 3070310 Datasheet HTML 10Page - PHOENIX CONTACT 3070310 Datasheet HTML 11Page - PHOENIX CONTACT 3070310 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
https://www.phoenixcontact.com/us/products/3070310
01.11.2013   Page 8 / 19
Test disconnect terminal block - USST 6-T/SB - 3070310
Accessories
Cable lug - C-BCI 6/4,6 SO - 3240067
Flat pin cable lug, with tab, soldered neck, yellow, 4 - 6 mm², pin width 4.6 mm, easy conductor entry with Easy-Entry,
also for vertical compression with CRIMPFOX-RCI 6
 
 
Crimping tool
Crimping pliers - CRIMPFOX-RCI 6 - 1212057
Crimping pliers, for insulated cable lugs, 0.75 - 6.0 mm² (red, blue, yellow), oval crimp, symmetrical
 
 
End block
End clamp - CLIPFIX 35 - 3022218
Quick mounting end clamp for NS 35/7,5 DIN rail or NS 35/15 DIN rail, with marking option, width: 9.5 mm, color: gray
 
 
End clamp - CLIPFIX 35-5 - 3022276
Quick mounting end clamp for NS 35/7,5 DIN rail or NS 35/15 DIN rail, with marking option, with parking option for
FBS...5, FBS...6, KSS 5, KSS 6, width: 5.15 mm, color: gray
 
 
End clamp - E/NS 35 N - 0800886
End clamp, width: 9.5 mm, color: gray
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com