전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M68AW128ML55ZB1T 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 M68AW128ML55ZB1T
상세설명  2 Mbit (128K x16) 3.0V Asynchronous SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW128ML55ZB1T 데이터시트(HTML) 3 Page - STMicroelectronics

  M68AW128ML55ZB1T Datasheet HTML 1Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 2Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 3Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 4Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 5Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 6Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 7Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 8Page - STMicroelectronics M68AW128ML55ZB1T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
M68AW128ML
SUMMARY DESCRIPTION
The M68AW128ML is a 2 Mbit (2,097,152 bit)
CMOS SRAM, organized as 131,072 words by 16
bits. The device features fully static operation re-
quiring no external clocks or timing strobes, with
equal address access and cycle times. It requires
a single 2.7 to 3.3V supply. This device has an au-
tomatic power-down feature, reducing the power
consumption by over 99% when deselected.
The M68AW128ML is available in TFBGA48
(0.75 mm pitch) and in TSOP44 Type II packages.
Figure 2. Logic Diagram
Table 1. Signal Names
AI04835
17
A0-A16
W
DQ0-DQ15
VCC
M68AW128ML
G
16
E
UB
LB
VSS
A0-A16
Address Inputs
DQ0-DQ15
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
UB
Upper Byte Enable Input
LB
Lower Byte Enable Input
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DU
Don’t Use as Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20