| 전자부품 데이터시트 검색엔진 |
|
TESTO557 데이터시트(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
TESTO557 데이터시트(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() testo 557 Data sheet Measures high side / low side pressures and temperatures Simultaneous, real-time super heat and sub-cooling External vacuum probe for faster and more reliable evacuation of the system App integration via Bluetooth for fast and convenient remote monitoring and reporting via email Refrigerant updates to the instrument via App 60 on board refrigerant profiles 4-way valve block with 1/4 in. and 3/8 in. ports 3 year warranty with registration testo 557 – with external vacuum and Bluetooth The testo 557 Digital Manifold opens up new possibilities for efficient analysis and documentation thanks to the integration of Bluetooth connectivity with the testo Refrigeration App. You can clearly read measurement data, such as automatic calculations of superheat, sub- cool and vacuum readings, on a Smartphone or Tablet, allowing you to work more quickly and conveniently than ever before. In addition, measurement reports can be created and sent directly from the job site. The 557 features an external vacuum probe for faster and more reliable evacuations and is suitable for all refrigeration systems or heat pumps. This compact manifold has a 4-way valve block, large backlit display and sight glass. Two NTC thermistor clamp probes provide superior accuracy of simultaneous, real-time superheat and sub-cooling readings. With an optional 4 hose kit, the testo 557 is the complete solution for any air conditioning job you can throw at it. micron Digital manifold bar Leak Test Super heat Sub- cooling psi/ °F/°C available on: |
유사한 부품 번호 - TESTO557 |
|
유사한 설명 - TESTO557 |