전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

05200083 데이터시트(PDF) 2 Page - Testo SE & Co. KGaA

부품명 05200083
상세설명  Humidity/temperature measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TESTO [Testo SE & Co. KGaA]
홈페이지  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200083 데이터시트(HTML) 2 Page - Testo SE & Co. KGaA

  05200083 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200083 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
testo 635
Technical data
testo 635-1
testo 635-2
testo 635-1 thermohygrometer incl. battery and
calibration protocol
testo 635-2 humidity/temperature measuring
instrument with measurement value store, PC
software and USB-cable incl. battery and
calibration protocol
Part no. 0560 6351
Part no. 0563 6352
General technical data
Operating temperature
-20 to +50 °C
Storage temperature
-30 to +70 °C
Battery type
Alkali manganese, mignon, Type AA
Battery life
200 h
Dimensions
220 x 74 x 46 mm
Weight
428 g
Housing material
ABS/TPE/Metal
Warranty
2 years
Sensor types
Type K (NiCr-Ni)
NTC (humidity probe)
Testo humid. sensor,
cap.
Absolute pressure
probe
Measuring range
-200 to +1370 °C
-40 to +150 °C
0 to +100 %RH
0 to 2000 hPa
Accuracy
±1 digit
±0.5 °C (-60 to +60 °C)
±(0.2 °C + 0.3% of mv)
(remaining range)
±0.2 °C (-25 to +74.9 °C)
±0.4 °C (-40 to -25.1 °C)
±0.4 °C (+75 to +99.9 °C)
±0.5% of mv (remaining
range)
See probe data
See probe data
Resolution
0.1 °C
0.1 °C
0.1 %RH
0.1 hPa
We measure it.
Common advantages
· Connection of 3 radio probes
· Measurement of air humidity, material equilibrium
moisture and pressure dew point in compressed air
systems
· Display of dew point difference, min, max and mean
values
· Print data on Testo printer (optional)
· Backlit display
· Protection type IP 54
Advantage testo 635-1
· Cyclic printing of readings on testo printer, e.g. once per
minute
Advantages testo 635-2
· Instrument store for 10000 readings
· PC software for filing and documenting measurement
data
· Direct display of material moisture due to storable
characteristics curves (Basis: material equilibrium
moisture)
· U-value probe connection possible
· Storage of single measurements or measurement series
by measurement site
· Quick access to the most important functions via user
profiles
testo-635-P02
06.08.2013
14:19
Seite 2



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com