전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

05200071 데이터시트(PDF) 2 Page - Testo SE & Co. KGaA

부품명 05200071
상세설명  Multi-function measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TESTO [Testo SE & Co. KGaA]
홈페이지  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200071 데이터시트(HTML) 2 Page - Testo SE & Co. KGaA

  05200071 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200071 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
testo 435
Technical data
Measure temperature and
humidity values wirelessly over a
distance of up to 20m without
obstruction
2 connections for external probes
We measure it.
testo 435-1
testo 435-1 multi-functional measurement
instrument for A/C, ventilation and Indoor Air
Quality, battery and calibration protocol included
Part no. 0560 4351
testo 435-3
testo 435-3 multi-functional measurement
instrument with built-in differential pressure
measurement for A/C, ventilation and Indoor Air
Quality, battery and calibration protocol included
Part no. 0560 4353
testo 435-2
testo 435-2 multi-function measuring instrument for air
conditioning, ventilation and Indoor Air Quality with data
memory, PC software and USB data transfer cable,
includes battery and calibration protocol
Part no. 0563 4352
testo 435-4
testo 435-4 multi-function measuring instrument with
built-in differential pressure measurement for air
conditioning, ventilation and Indoor Air Quality, with
data memory, PC software and USB data transfer
cable, includes battery and calibration protocol
Part no. 0563 4354
Improved convenience of operation thanks to user profiles
The operation of testo 435 is easy and efficient: User
profiles are stored for the typical applications duct
measurement and IAQ measurement. This makes
complicated programming of the measuring instrument
unnecessary.
Secure measurement data monitoring
The measurement data reports provide the customer with
the data from the duct, long-term and degree of turbulence
measurement. The company logo can be integrated into the
form. The testo 435-1 and testo 435-3 allow the
measurement values to be printed cyclically on the Testo
fast printer.
Flexibility thanks to wireless probes
In addition to classical probes on wires, a wireless
measurement up to a distance of 20 m (without obstruction)
is possible. Damage to the wire or hindrances in usage are
thus eliminated. A maximum of three wireless probes can
be recorded and displayed with testo 435. The wireless
probes are for the measurement parameters temperature
and, depending on the instrument type, humidity. The
optional, easily plugged-in radio module can be retrofitted
at any time.
General technical data
Operating temperature
-20 to +50 °C
Storage temperature
-30 to +70 °C
Dimensions
220 x 74 x 46 mm
Battery type
Alkali manganese, mignon, Type AA
Battery life
200 h (typical vane measurement)
Weight
428 g
Housing material
ABS/TPE/Metal
Protection class
IP54
Warranty
2 years
testo-435-P02
06.08.2013
14:30
Seite 2



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com