전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

05200033 데이터시트(PDF) 3 Page - Testo SE & Co. KGaA

부품명 05200033
상세설명  Multi-function measuring instrument
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TESTO [Testo SE & Co. KGaA]
홈페이지  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200033 데이터시트(HTML) 3 Page - Testo SE & Co. KGaA

  05200033 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 4Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 5Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 6Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 7Page - Testo SE & Co. KGaA 05200033 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sensor types
testo 435-2/-4
testo 435-3/-4
Lux
Measuring range
0 to +100000 Lux
Accuracy
±1 digit
See probe data
Resolution / Overload
1 Lux; 0.1 Hz
Differential pressure probe, internal
0 to +25 hPa
±0.02 hPa (0 to +2 hPa)
±1% of mv (remaining range)
0.01 hPa / 200 hPa
testo 435
Technical data
testo 435-1
testo 435-2
testo 435-3
testo 435-4
XXXX
XXXX
X
X
X
X
X
XX
X
X
X
XX
XXX
X
X
XX
X
XX
XX
XX
XX
XX
XX
XXXX
IAQ probe for the measurement of CO
2, air temperature, indoor air humidity
and absolute pressure
Thermal flow velocity probe with integrated temperature and air humidity
measurement
Vane and hot wire probes
Temperature probe for immersion/penetration, air and surface measurements
Wireless probes for temperature measurements
Ambient CO probe
Absolute pressure probe
Integrated differential pressure measurement for flow velocity measurement
with Pitot tube and for monitoring filters (not retro-fittable)
Comfort probe for degree of turbulence measurement for the objective
evaluation of the air velocity in a room
Humidity probe for air temperature and air humidity measurements
Wireless probe for air temperature and air humidity measurement
Lux probe for the measurement of light intensity
Temperature probe for determining U-value
Instrument equipment
Easy operation with user profiles
XXXX
Illuminated display
XXXX
Testo fast printer for documenting measurement data (optional)
XX
Instrument store for 10000 measurement values (not retro-fittable)
XX
PC software for the analysis, archiving and documentation of the readings
Connectable probes (optional)
Overview of versions testo 435
The table provides a fast overview of the connectable probes and the instrument equipment per version.
We measure it.
Sensor types
testo 435-1/-2/-3/-4
NTC
Measuring range
-50 to +150 °C
Accuracy
±1 digit
±0.2 °C(-25 to +74.9 °C)
±0.4 °C (-50 to -25.1 °C)
±0.4 °C (+75 to +99.9 °C)
±0.5% of mv (remaining range)
Resolution
0.1 °C
Type K (NiCr-Ni)
-200 to +1370 °C
±0.3 °C (-60 to +60 °C)
±(0.2 °C +0.5% of mv)
(remaining range)
0.1 °C
Type T (Cu-CuNi)
-200 to +400 °C
±0.3 °C (-60 to +60 °C)
±(0.2 °C +0.5% of mv)
(remaining range)
0.1 °C
Testo humid. sensor,
cap.
0 to +100 %RH
See probe data
0.1 %RH
Vane
Measuring range
0 to +60 m/s
Accuracy ±1 digit
See probe data
Resolution
0.01m/s (60 + 100 mm Vane)
0.1 m/s (16 mm Vane)
Hot wire
0 to +20 m/s
See probe data
0.01 m/s
Absolute pressure probe
0 to +2000 hPa
See probe data
0.1 hPa
CO
2 (IAQ probe)
0 to +10000 ppm CO
2
See probe data
1 ppm CO
2
testo-435-P03
06.08.2013
14:31
Seite 3



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com