전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

05200084 데이터시트(PDF) 3 Page - Testo SE & Co. KGaA

부품명 05200084
상세설명  Pressure and leakage measuring instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TESTO [Testo SE & Co. KGaA]
홈페이지  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200084 데이터시트(HTML) 3 Page - Testo SE & Co. KGaA

  05200084 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200084 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200084 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200084 Datasheet HTML 4Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
testo 324
Ordering data / Accessories
* Instrument, pump and hose connection incl. overpressure valve and stopcock
0516 3240
0554 0549
0554 0620
0604 0194
0554 3157
0632 3240
0554 3151
0554 3155
0554 3163
0554 3164
0554 0533
0554 0532
0554 3139
0554 0568
0638 1748
0520 0084
0632 3162
0554 1096
0554 3332
0449 0047
0430 0143
System case incl. gas-feed appliance, connection block* & connection hose; 476 x 191 x 363 mm (WxHxD)
Basic infrared printer (incl. battieries)
Testo Bluetooth®/IRDA printer incl. 1 roll of printer paper, rechargeable battery and mains unit
Very fast reaction surface probe with sprung thermocouple band, measuring range short-term up to +500 °C
Test pump for creating test pressure
testo 324 pressure and leakage measuring instrument
Conical test stop 1/2“ for connecting test set to the gas pipe 19–32 mm
Conical test stop 3/4“ for connecting the test set to the gas pipe 24-44 mm
High-pressure stage stop 3/8 and 3/4; to connect test set to gas pipe
High-pressure stage stop 1/2 and 1; to connect test set to gas pipe
High-pressure stage stop 3/4“ and 1 1/4“
Single-pipe counter cap, connects test fittings to pipe
Y-distributor with hose
High-pressure connection
Spare thermal paper for printer, permanent ink
High-pressure probe up to 25 bar
ISO calibration certificate/flow in gases
testo 316-2 electronic gas leak detector with flexible measurement probe, mains charger and earphones
Mains unit for testo 324 (also suitable for infrared basic printer)
Option Bluetooth® wireless transmission
Bluetooth® retrofit
PC software easyHeat
USB connection cable, instrument-PC
Connection cable, length 1.5 m, for probes with plug-in heads
Cases
Stops, caps, hoses etc.
Printer and Accessories
Probes
Other accessories
Measuring instrument and accessories
Part no.
Part no.
Part no.
Part no.
Part no.
Part no.
0516 3300
Instrument case (height: 130 mm) for instrument, probes and accessories



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com