전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AXP1G86GS 데이터시트(PDF) 1 Page - Nexperia B.V. All rights reserved

부품명 74AXP1G86GS
상세설명  Low-power 2-input EXCLUSIVE-OR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEXPERIA [Nexperia B.V. All rights reserved]
홈페이지  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G86GS 데이터시트(HTML) 1 Page - Nexperia B.V. All rights reserved

  74AXP1G86GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G86GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1.
General description
The 74AXP1G86 is a single 2-input EXCLUSIVE-OR gate.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall
times.
This device ensures very low static and dynamic power consumption across the entire
VCC range from 0.7 V to 2.75 V. It is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging
backflow current through the device when it is powered down.
2.
Features and benefits
Wide supply voltage range from 0.7 V to 2.75 V
Low input capacitance; CI = 0.5 pF (typical)
Low output capacitance; CO = 1.0 pF (typical)
Low dynamic power consumption; CPD = 2.6 pF at VCC = 1.2 V (typical)
Low static power consumption; ICC = 0.6 A (85 C maximum)
High noise immunity
Complies with JEDEC standard:
JESD8-12A.01 (1.1 V to 1.3 V)
JESD8-11A.01 (1.4 V to 1.6 V)
JESD8-7A (1.65 V to 1.95 V)
JESD8-5A.01 (2.3 V to 2.7 V)
ESD protection:
HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
CDM JESD22-C101E exceeds 1000 V
Latch-up performance exceeds 100 mA per JESD 78 Class II
Inputs accept voltages up to 2.75 V
Low noise overshoot and undershoot < 10 % of VCC
IOFF circuitry provides partial Power-down mode operation
Multiple package options
Specified from
40 Cto+85 C
74AXP1G86
Low-power 2-input EXCLUSIVE-OR gate
Rev. 1 — 13 November 2015
Product data sheet


유사한 부품 번호 - 74AXP1G86GS

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GM NEXPERIA-74AXP1G00GM Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GN NEXPERIA-74AXP1G00GN Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GS NEXPERIA-74AXP1G00GS Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GX NEXPERIA-74AXP1G00GX Datasheet
794Kb / 17P
Low-power 2-input NAND gate
More results

유사한 설명 - 74AXP1G86GS

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54F86DM NSC-54F86DM Datasheet
137Kb / 6P
2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74AHC1G86 PHILIPS-74AHC1G86 Datasheet
61Kb / 12P
2-input EXCLUSIVE-OR gate
2002 Jun 06
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Unisonic Technologies
U74AHCT1G86 UTC-U74AHCT1G86 Datasheet
101Kb / 4P
2-INPUT EXCLUSIVE-OR GATE
logo
Renesas Technology Corp
RD74LVC1G86 RENESAS-RD74LVC1G86 Datasheet
2Mb / 8P
2-input Exclusive OR Gate
logo
NXP Semiconductors
74AUP2G86 NXP-74AUP2G86 Datasheet
102Kb / 17P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 04-29 June 2009
74AUP2G86GN NXP-74AUP2G86GN Datasheet
214Kb / 21P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 7-14 June 2012
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
74AUP2G86 NEXPERIA-74AUP2G86 Datasheet
257Kb / 17P
Low-power dual 2-input EXCLUSIVE-OR gate
Rev. 10 - 7 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com