전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0809298 데이터시트(PDF) 5 Page - PHOENIX CONTACT

부품명 0809298
상세설명  PIT 4-DIO 1N 5408/L-R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809298 데이터시트(HTML) 5 Page - PHOENIX CONTACT

  0809298 Datasheet HTML 1Page - PHOENIX CONTACT 0809298 Datasheet HTML 2Page - PHOENIX CONTACT 0809298 Datasheet HTML 3Page - PHOENIX CONTACT 0809298 Datasheet HTML 4Page - PHOENIX CONTACT 0809298 Datasheet HTML 5Page - PHOENIX CONTACT 0809298 Datasheet HTML 6Page - PHOENIX CONTACT 0809298 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PIT 4-DIO 1N 5408/L-R Order No.: 3212112
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3212112
PHOENIX CONTACT GmbH & Co. KG
Page 5 / 7
http://www.phoenixcontact.com
Jul 15, 2011
0828295
TMT (EX9,5)R
Terminal marking with 9.5 mm strip height, continuous, without
color print, for all terminals with ZB or ZBF groove, can be labeled
using a thermal transfer printer, 1 roll = 50 m
0818085
UC-TM 6
UniCard materials for labeling terminal blocks with a marker
groove,80-section, can be labeled with BLUEMARK and CMS-P1-
PLOTTER, color: white
0824589
UC-TM 6 CUS
Terminal block marking, can be labeled as per customer
specifications
0818140
UC-TMF 6
UniCard materials for labeling terminal blocks using a flat marker
groove, 80-section, can be labeled with BLUEMARK and CMS-
P1-PLOTTER, color: white
0824646
UC-TMF 6 CUS
UniCard sheets, for labeling terminal blocks with a flat
zack marker sheet groove, can be printed as per customer
requirements
0828736
UCT-TM 6
UniCard materials for thermal transfer printer, for labeling terminal
blocks with a marker groove, 60-section, can be labeled with
THERMOMARK CARD and BLUEMARK LED, color: white
0829602
UCT-TM 6 CUS
Terminal block marking, can be labeled as per customer
specifications
0828746
UCT-TMF 6
UniCard materials for thermal transfer printer, for labeling terminal
blocks with a horizontal marker groove, 60-section, can be labeled
with THERMOMARK CARD and BLUEMARK LED, color: white
0829665
UCT-TMF 6 CUS
Terminal block marking, can be labeled as per customer
specifications
1051003
ZB 6:UNBEDRUCKT
Zack strip, unprinted, strips with 10 labels for individual labeling
with M-PEN or CMS system, for terminal block width: 6.2 mm,
color: white
0808710
ZBF 6:UNBEDRUCKT
Zack strip, flat, unprinted: 10-section, for individual labeling with
M-PEN or ZBF-T, sufficient for 100 terminal blocks, color: white
Plug/Adapter
3002885
ISH 4/0,5
Insulating sleeve, Color: gray
3002898
ISH 4/1,0
Insulating sleeve, Color: black
0201731
MPS-IH BK
Insulating sleeve, Color: black
0201689
MPS-IH BU
Insulating sleeve, Color: blue
0201702
MPS-IH GN
Insulating sleeve, Color: green
0201728
MPS-IH GY
Insulating sleeve, Color: gray
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201715
MPS-IH VT
Insulating sleeve, Color: violet
0201663
MPS-IH WH
Insulating sleeve, Color: white
0201692
MPS-IH YE
Insulating sleeve, Color: yellow
0201744
MPS-MT
Test plugs
3032871
PAI-4-N GY
Test adapter, Color: gray



Html Pages

1 2 3 4 5 6 7