전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RCX-1412F 데이터시트(PDF) 2 Page - Vecow Co., Ltd.

부품명 RCX-1412F
상세설명  RCX-1400F, 2 GigE LAN, 1 PCIe x16, 2 PCI, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECOW [Vecow Co., Ltd.]
홈페이지  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

RCX-1412F 데이터시트(HTML) 2 Page - Vecow Co., Ltd.

  RCX-1412F Datasheet HTML 1Page - Vecow Co., Ltd. RCX-1412F Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Front I/O
Dimensions
Unit : mm/ inch
Order Information
RCX-1412F
RCX-1400F, 2 GigE LAN, 1 PCIe x16, 2 PCI, 4 COM, 6 USB 3.1, 2 SIM, Isolated DIO
Accessories
DDR4 32G
Certified DDR4 32GB 2666MHz RAM
DDR4 16G
Certified DDR4 16GB 2666/2400/2133 MHz RAM
DDR4 8G
Certified DDR4 8GB 2666/2400/2133 MHz RAM
DDR4 4G
Certified DDR4 4GB 2666/2400/2133 MHz RAM
PWA-160W-WT
160W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
PWA-280W-WT
280W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
PWS-480W-WT
480W, 24V, 90V AC to 305V AC Power Supply, Wide-Temp, IP65
PWS-600W
600W, 24V, 90V AC to 305V AC Power Supply
PWS-600W-WT
600W, 28.8V, 90 to 305V AC Power Supply, Wide Temperature
-40°C to +70°C
FAN Module
Fan Module for RCX-1400/RCX-1400F Series
FAN Cover
Fan Cover for RCX-1000 Series
TMK2-20P-100
Terminal Block 20-pin to Terminal Block 20-pin Cable, 100cm
TMK2-20P-500
Terminal Block 20-pin to Terminal Block 20-pin Cable, 500cm
TMB-TMBK-20P
Terminal Board with One 20-pin Terminal Block Connector and
DIN-Rail Mounting
4G Module
Mini PCIe 4G/GPS Module with Antenna
WiFi & Bluetooth
WiFi & Bluetooth Module with Antenna
210.0 (8.27”)
160.0 (6.30”)
2 x SIM
Power
2 x LAN
2 x Isolated DIO
4 x COM
DC-in
6 x USB 3.1
Remote Power Switch
Line-out
Mic-in
LED
DVI-I
Digital Display
3 x PCI/PCIe Slot
DispalyPort
CPU List
Series
CPU
Cores
GHz
TDP
(W)
ECC
RAM
Intel®
Xeon®
E-2176G
6
4.6
80
Yes
E-2124G
4
4.5
71
E-2278GE
8
4.7
80
E-2278GEL
8
3.9
35
E-2226GE
6
4.6
80
Intel®
Core™
i7-8700
6
4.6
65
N/A
i7-8700T
6
4
35
i7-9700E
8
4.4
65
i7-9700TE
8
3.8
35
i5-8500
6
4.1
65
i5-8500T
6
3.5
35
i5-9500E
6
4.2
65
i5-9500TE
6
3.6
35
i3-8100
4
3.6
65
Yes
i3-8100T
4
3.1
35
i3-9100E
4
3.7
65
i3-9100TE
4
3.2
35
RCX-1412F-20190805
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2019 Vecow Co., Ltd. All rights reserved.



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com