전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMX-200 데이터시트(PDF) 1 Page - Vecow Co., Ltd.

부품명 SMX-200
상세설명  Mini PCIe 4-port Isolated RS-232/422/485 Serial Card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VECOW [Vecow Co., Ltd.]
홈페이지  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

SMX-200 데이터시트(HTML) 1 Page - Vecow Co., Ltd.

  SMX-200 Datasheet HTML 1Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
Features
Order Information
Unit : mm/ inch
Dimensions
www.vecow.com
SMX-200-20171107
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2017 Vecow Co., Ltd. All rights reserved.
21.1 (0.8")
260.0 (10.23")
13.0 (0.5")
30.00 (1.2")
6.40 (0.3")
2.60 (0.1")
25.0 (1.0")
15.4 (0.6")
19.5 (0.8")
4-R2.50
Scale 2:1
Panel Cut-Out for DB9
24.20 (1.0")
ƒ
4-port high-speed RS-232/422/485
ƒ
Each serial channel supports up to 2.5kV Isolation
ƒ
Up to 31.25Mbps super fast data transmission
ƒ
-40°C to 85°C Operating Temperature
ƒ
PCI Express® Mini Card 1.2 compliant, compact size
ƒ
Interrupt Status Register for Performance Enhancement
SMX-200
Mini PCIe 4-port Isolated RS-232/422/485 Serial Card, -40°C to 85°C
SMX-200
Mini PCIe 4-port Isolated RS-232/422/485 Serial Card
Serial
Interface
Mini PCIe
Controller
EXAR XR17V354
Standard
RS-232/422/485 (2.5kV Isolation)
Number of Port
4
Baud Rate
Up to 921.6kbps
FIFOs
256 byte
Flow Control
CTS/RTS, Xon/Xoff
Software Support
OS
Windows 10, Windows 8.1, Windows 7, Linux
Mechanical
Dimensions
(W x L)
Mini Card : 30mm x 51mm
Cable Length : 260mm
Weight
145 g
Environment
Operating
Temperature
-40°C to 85°C (-40°F to 185°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative Humidity
95% @ 85°C
EMC
CE, FCC
Packing List
1 SMX-200 Serial Card
2 Cable Set
1 Driver CD
1 Screw Kit
2 Bracket
-40º 85º


유사한 부품 번호 - SMX-200

제조업체부품명데이터시트상세설명
logo
QUARTZCOM the communica...
SMX-206L QUARTZCOM-SMX-206L Datasheet
112Kb / 1P
Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
SMX-206T QUARTZCOM-SMX-206T Datasheet
110Kb / 1P
Plastic moulded SMD Watch Crystal Reflow soldering @ 260 째C
logo
SOVICO corp.
SMX-208 SOVICO-SMX-208 Datasheet
2Mb / 1P
AUDIO MATRIX & MIXER
More results

유사한 설명 - SMX-200

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
4-port RS-232/422/485 Serial Device Server
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
Isolated RS-232/422/ 485 Module
PCL-746+ ADVANTECH-PCL-746+ Datasheet
94Kb / 1P
4-port RS-232/422/485 COMM Card
UNOP-1624D ADVANTECH-UNOP-1624D Datasheet
1Mb / 1P
4-port Isolated RS-232/422/485 with IRIG B
logo
List of Unclassifed Man...
CPCI-3544 ETC2-CPCI-3544 Datasheet
168Kb / 1P
4-port RS-422/RS-485 Isolated Serial Communications Modules
logo
Advantech Co., Ltd.
EKI-1524 ADVANTECH-EKI-1524_15 Datasheet
621Kb / 2P
4-port RS-232/422/485 Serial Device Server
logo
Vecow Co., Ltd.
SMX-100 VECOW-SMX-100 Datasheet
565Kb / 1P
4-port RS-232/422/485 Serial Mini PCIe Card
logo
Moxa Inc.
5400 MOXA-5400 Datasheet
2Mb / 5P
4-port RS-232/422/485 serial device servers
CP-114UL MOXA-CP-114UL Datasheet
726Kb / 4P
4-port RS-232/422/485 Universal PCI serial boards
logo
Advantech Co., Ltd.
ECU-P1628D ADVANTECH-ECU-P1628D Datasheet
386Kb / 1P
8-Port Isolated/Non Isolated RS-232/422/485
27-Jun-2018
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com