| 전자부품 데이터시트 검색엔진 |
|
P89C60X2BA/00 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C60X2BA/00 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 56 page ![]() Philips Semiconductors Product data P89C60X2/61X2 80C51 8-bit Flash microcontroller family 64KB Flash, 512B/1024B RAM 2003 Sep 11 3 FEATURES • 80C51 Central Processing Unit – 64 kbytes Flash – 512 bytes RAM (P89C60X2) – 1024 bytes RAM (P89C61X2) – Boolean processor – Fully static operation • In-System Programmable (ISP) Flash memory • 12-clock operation with selectable 6-clock operation (via software or via parallel programmer) • Memory addressing capability – Up to 64 kbytes ROM and 64 kbytes RAM • Power control modes: – Clock can be stopped and resumed – Idle mode – Power-down mode • Two speed ranges – 0 to 20 MHz with 6-clock operation – 0 to 33 MHz with 12-clock operation • LQFP, PLCC, and DIP packages • Dual Data Pointers • Three security bits • Four interrupt priority levels • Six interrupt sources • Four 8-bit I/O ports • Full-duplex enhanced UART – Framing error detection – Automatic address recognition • Three 16-bit timers/counters T0, T1 (standard 80C51) and additional T2 (capture and compare) • Programmable clock-out pin • Watchdog timer • Asynchronous port reset • Low EMI (inhibit ALE, 6-clock mode) • Wake-up from Power Down by an external interrupt |