| 전자부품 데이터시트 검색엔진 |
|
EMT5 데이터시트(PDF) 1 Page - Tiger Electronic Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
EMT5 데이터시트(HTML) 1 Page - Tiger Electronic Co.,Ltd |
|
1 / 3 page ![]() EMC5 / UMC5N / FMC5A Transistors Power management (dual digital transistors) EMC5 / UMC5N / FMC5A Features 1) Both the DTA143X chip and DTC144E chip in a EMT or UMT or SMT package. 2) Ideal for power switch circuits. 3) Mounting cost and area can be cut in half. Structure Epitaxial planar type NPN / PNP silicon transistor (Built-in resistor type.) Equivalent circuit EMC5 / UMC5N FMC5A (3) (2) (1) (3) (4) (5) (4) (5) (2) (1) DTr1 DTr2 R1 R2 R1 R2 DTr1 DTr2 R1 R2 R1 R2 R1 =47k Ω DTr1 R2 =47k Ω R1 =4.7k Ω DTr2 R2 =10k Ω R1 =47k Ω DTr1 R2 =47k Ω R1 =4.7k Ω DTr2 R2 =10k Ω Packaging specifications Package Code TR T148 3000 3000 Taping Basic ordering unit (pieces) UMC5N T2R 8000 EMC5 FMC5A Type External dimensions (Units : mm) ROHM : EMT5 EMC5 Each lead has same dimensions ROHM : UMT5 EIAJ : SC-88A UMC5N Each lead has same dimensions Abbreviated symbol : C5 Abbreviated symbol : C5 Abbreviated symbol : C5 Each lead has same dimensions 0.3to0.6 1.6 2.8 ROHM : SMT5 EIAJ : SC-74A FMC5A 1.2 1.6 (1) (2) (3) (5) (4) 0.1Min. 2.1 1.25 |
유사한 부품 번호 - EMT5 |
|
유사한 설명 - EMT5 |