전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E22 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TUSB2E22
상세설명  TUSB2E22 eUSB2-USB 2.0 Dual Repeater
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB2E22 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TUSB2E22 Datasheet HTML 6Page - Texas Instruments TUSB2E22 Datasheet HTML 7Page - Texas Instruments TUSB2E22 Datasheet HTML 8Page - Texas Instruments TUSB2E22 Datasheet HTML 9Page - Texas Instruments TUSB2E22 Datasheet HTML 10Page - Texas Instruments TUSB2E22 Datasheet HTML 11Page - Texas Instruments TUSB2E22 Datasheet HTML 12Page - Texas Instruments TUSB2E22 Datasheet HTML 13Page - Texas Instruments TUSB2E22 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Repeater
86100
Scope
or
BERT
50Ÿ
eUSB2
Test Channel
22.1
22.1
15.8
15.8
Test Channel
81130A
Pattern Generator
or
BERT
50Ÿ
USB 2.0
Vin * 0.693
Vin scaled for impedance conversion
40
Ÿ
45
Ÿ
Impedance
conversion
Impedance
conversion
USB 2.0 High speed test packets
USB 2.0 TX Vpp * 0.68
Vout scaled for impedance conversion
Repeater
81130A
Pattern Generator
or
BERT
50Ÿ
USB 2.0 High speed test packets
eUSB2 TX Vpp * 0.56
Vout scaled for impedance conversion
eUSB2
Test Channel
22.1
22.1
15.8
15.8
Test Channel
86100
Scope
or
BERT
50Ÿ
USB 2.0
Vin * 0.76
Vin scaled for impedance conversion
40
Ÿ
45
Ÿ
Impedance
conversion
Impedance
conversion
10
TUSB2E22
SNLS648A – FEBRUARY 2019 – REVISED DECEMBER 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.7 Timing Requirements
MIN
NOM
MAX
UNIT
RESET TIMING
t_VDD1V8_R
AMP
Ramp time for VDD1V8 to reach minimum 1.62V
2
ms
t_VDD3V3_R
AMP
Ramp time for VDD3V3 to reach minimum 3.0V
2
ms
t_su_CROSS
Setup time for CROSS sampled at the de-assertion of RESETB
0
ms
t_hd_CROSS Hold time for CROSS sampled at the de-assertion of RESETB
3
ms
t_aRESETB
duration for RESETB to be asserted low to complete reset while powered
10
us
t_RH_READY
Time for eUSB2 interface to be ready after RESETB is de-asserted or
(VDD1V8 and VDD3V3) reach minimum recommended voltages, whichever
is later
3
ms
8 Parametric Measurement Information
Figure 1. USB 2.0 TX Output (Egress) Jitter, Eye Mask Test Setup
Figure 2. eUSB2 TX Output (Ingress) Jitter, Eye Mask Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com