전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC713V3NSZX 데이터시트(PDF) 2 Page - Sharp Corporation

부품명 PC713V3NSZX
상세설명  High Isolation Voltage Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC713V3NSZX 데이터시트(HTML) 2 Page - Sharp Corporation

  PC713V3NSZX Datasheet HTML 1Page - Sharp Corporation PC713V3NSZX Datasheet HTML 2Page - Sharp Corporation PC713V3NSZX Datasheet HTML 3Page - Sharp Corporation PC713V3NSZX Datasheet HTML 4Page - Sharp Corporation PC713V3NSZX Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC713VxNSZX Series/PC713VxYSZX Series
Parameter
Conditions
Input
Forward voltage
IF
=20mA
Terminal capacitance
Output
VCE
=20V, IF=0, RBE=∞
Collector current
IF
=5mA, VCE=5V, RBE=∞
Transfer
charac-
teristics
Collector-emitter saturation voltage
IF
=20mA, IC=1mA, RBE=∞
Isolation resistance
DC500V, 40 to 60%RH
Floating capacitance
V
=0, f=1MHz
Response time
Rise time
Fall time
MIN.
2.5
5
×1010
TYP.
1.2
30
0.1
1011
0.6
4
3
MAX.
1.4
250
10−7
30
0.2
1.0
18
18
Collector dark current
Symbol
VF
Peak forward voltage
IFM
=0.5A
VFM
Ct
ICEO
IC
VCE(sat)
Cf
tr
tf
RISO
V
=0, f=1kHz
Unit
V
V
Reverse current
VR=4V
−−
10
−−
3.0
IR
µA
A
mA
V
pF
pF
µs
µs
VCE
=2V, IC=2mA
RL
=100Ω, RBE=∞
(Ta
=25˚C)
Cut-off frequency
80
fC
kHz
VCE
=5V, IC=2mA, RL=100Ω, RBE=∞
*4 Classification table of collector current is shown below.
*4
s Electro-optical Characteristics
Model No.
IC (mA)
4.0 to 8.0
Rank mark
PC713V1NSZX
A
6.5 to 13.0
PC713V2NSZX
B
10.0 to 20.0
PC713V3NSZX
C
4.0 to 13.0
PC713V5NSZX
A or B
6.5 to 20.0
PC713V6NSZX
B or C
4.0 to 20.0
PC713V8NSZX
A, B or C
2.5 to 30.0
PC713V0NSZX
A, B, C or no marking
*5 PC713VxYSZX Series are equivalent.
Measuring Conditions
IF
=5mA
VCE
=5V
Ta
=25°C
*5
0
30
0
100
125
40
50
60
20
10
-25
25
50
75
Ambient temperature Ta (˚C)
0
0
125
100
200
50
150
25
50
75
100
Ambient temperature Ta (˚C)
−25
Fig.1
Forward Current vs. Ambient
Temperature
Fig.2
Collector Power Dissipation vs.
Ambient Temperature



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com