| 전자부품 데이터시트 검색엔진 |
|
L3000NSO 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L3000NSO 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 32 page ![]() PowerSO-20(SLUG UP) PACKAGE MECHANICAL DATA DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A 3.70 0.145 a1 0 0.25 0 0.01 b 0.40 0.53 0.016 0.021 c 0.23 0.32 0.009 0.012 D 15.80 16.00 0.622 0.63 D1 9.4 9.80 0.37 0.385 E 13.90 14.50 0.547 0.57 e 1.27 0.05 e3 11.43 0.45 E1 10.90 11.10 0.429 0.437 E2 2.90 0.114 E3 5.80 6.20 0.228 0.244 G 0 0.10 0 0.004 h 1.10 0.043 L 0.80 1.10 0.031 0.043 N10 ° (Max.) S8 ° (Max.) e A E a1 PSO20DME D E1 E2 hx 45 ° S Gage Plane 0.35 L DETAIL A DETAIL A (COPLANARITY) GC -C - SEATING PLANE e3 b c N N E3 (slug width) 10 1 D1(slug width) 20 11 L3000N - L3092 29/32 |