| 전자부품 데이터시트 검색엔진 |
|
CS6403-IL 데이터시트(PDF) 43 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS6403-IL 데이터시트(HTML) 43 Page - Cirrus Logic |
|
43 / 54 page ![]() LED An LED bank is provided to give visual indica- tion of board status as defined by GPOUT1 and GPOUT0. GPOUT1 is lit when the echo cancel- ler is in half-duplex mode and dim when in full-duplex mode. GPOUT0 indicates when the volume control range has been exceeded by flashing the LED momentarily. SW1 D3 +5VD 1 µF SW5 SW4 SW3 SW2 SW6 +5VD C1 39 40 41 43 44 1 2 R4 47 k Ω RESET NORMAL CLEAR HD ON HD OFF VOL UP VOL DOWN J18 J17 +5VD USER1 USER0 GPOUT1 GPOUT0 37 38 33 34 +5VD R1 47 k Ω 31 32 28 29 26 27 D2 SW7 SFRAME SMASTER SCLK_RATE1 SCLK_RATE0 CONFIG UALAW GPIN3 CLK_SEL +5VD 15 3 35 23 22 10 42 30 19 18 21 20 14 13 17 16 9 8 12 11 5 4 7 6 RESERVED6 CLK_SEL UALAW CONFIG CONFIG GPIN3 SFRAME SMASTER RESET GPOUT1 GPOUT0 GPIN2 GPIN1 GPIN0 SCLK_RATE1 SCLK_RATE0 U4 EPM7032 + 0.1 µF C27 0.1 µF C26 0.1 µF C25 0.1 µF C24 +5VD C104 0.1 µF 1 2 4 3 6 5 8 9 10 11 13 12 Figure 7. EPLD and Algorithm Controls CDB6403 DS192DB3 43 |