전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS61584A-IL3 데이터시트(PDF) 29 Page - Cirrus Logic

부품명 CS61584A-IL3
상세설명  DUAL T1/E1 LINE INTERFACE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61584A-IL3 데이터시트(HTML) 29 Page - Cirrus Logic

Back Button CS61584A-IL3 Datasheet HTML 25Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 26Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 27Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 28Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 29Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 30Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 31Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 32Page - Cirrus Logic CS61584A-IL3 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
CS61584A
DS261PP5
29
DS261PP5
tude information written for phases 13 and 14 of
each UI is ignored. Examples of arbitrary wave-
forms are illustrated in Figure 19.
The amplitude of each phase segment is described
by a 7-bit, 2’s complement number (bit 8 is ig-
nored). A positive value describes pulse amplitude
and a negative value describes pulse undershoot.
For DSX-1 applications with CON[3:0] = 1010, the
typical output voltage step is 73 mV/LSB across
the secondary (line side) of the transformer. For
DS1 applications with CON[3:0] = 1011, the typi-
cal output voltage step is 52 mV/LSB across the
transformer secondary. For E1 75
Ω coaxial appli-
cations with CON[3:0] = 1000, the typical output
voltage step is 43 mV/LSB. For E1 120
Ω twisted-
pair applications with CON[3:0] = 1001, the typi-
cal output voltage step is 52 mV/LSB.
The full scale positive value is 0x3F and the full
scale negative value is 0x40. It is recommended
that the output voltage across the secondary of the
transformer (line interface side) be limited to
4.4 Vpk. At higher output voltages, the transmitter
may not be able to drive the requested voltage
based on the current operating conditions.
Because the transmitter drives either a mark or a
space to the line interface every UI, the phase am-
plitude information defined in UI2 and UI3 is add-
ed to the symbols transmitted at TTIP and TRING
in those intervals. Therefore, a mark defined only
for UI1 will be output exactly as programmed if an-
other mark is transmitted in the next two UI. How-
ever, a mark defined over UI1 and UI2 with an
extended return-to-zero "tail" will cause the lead-
ing edge of a mark transmitted in the next UI to rise
or fall more quickly. This is illustrated in Figure 20.
If the hexadecimal sum of the phase amplitudes ex-
ceeds the full scale values, the sum is replaced by
the full scale value and the Latched-Overflow bit is
set in the Status register.
E1 Arbitrary Waveform Example
DSX-1 (54% duty cycle) Arbitrary Waveform Example
DS-1 (50% duty cycle) Arbitrary Waveform Example
Figure 19. Phase Definition of Arbitrary Waveforms
Figure 20. Example of Summing of Waveforms
CS61584A
DS261F1
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com