| 전자부품 데이터시트 검색엔진 |
|
DSC1105AI2-T 데이터시트(PDF) 4 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSC1105AI2-T 데이터시트(HTML) 4 Page - Microchip Technology |
|
4 / 28 page ![]() DSC1105/25 DS20005869A-page 4 2017 Microchip Technology Inc. TEMPERATURE SPECIFICATIONS (Note 1) Parameters Sym. Min. Typ. Max. Units Conditions Operating Temperature Range (T) TA –20 — +70 °C Ordering Option E TA –40 — +85 °C Ordering Option I TA –40 — +105 °C Ordering Option L TA –55 — +125 °C Ordering Option M Junction Operating Temperature TJ — — +150 °C — Storage Temperature Range TA –40 — +150 °C — Soldering Temperature Range TS — — +260 °C 40 sec. max Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the maximum allowable power dissipation will cause the device operating junction temperature to exceed the maximum +150°C rating. Sustained junction temperatures above +150°C can impact the device reliability. |