| 전자부품 데이터시트 검색엔진 |
|
STC03DE150 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STC03DE150 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() STC03DE150 2/9 Table 3: Absolute Maximum Ratings Table 4: Thermal Data Table 5: Electrical Characteristics (Tcase = 25 oC unless otherwise specified) Symbol Parameter Value Unit VCS(SS) Collector-Source Voltage (VBS = VGS = 0 V) 1500 V VBS(OS) Base-Source Voltage (IC= 0, VGS = 0 V) 30 V VSB(OS) Source-Base Voltage (IC= 0, VGS = 0 V) 9V VGS Gate-Source Voltage ± 20 V IC Collector Current 3A ICM Collector Peak Current (tp < 5ms) 6A IB Base Current 2A IBM Base Peak Current (tp < 1ms) 4A Ptot Total Dissipation at TC = 25 oC 100 W Tstg Storage Temperature -65 to 125 °C TJ Max. Operating Junction Temperature 125 °C Symbol Parameter Unit Rthj-case Thermal Resistance Junction-Case Max 1 oC/W Symbol Parameter Test Conditions Min. Typ. Max. Unit ICS(SS) Collector-Source Current (VBS = VGS = 0 V) VCS(SS) = 1500 V 100 mA IBS(OS) Base-Source Current (IC = 0 , VGS = 0 V) VBS(OS) = 30 V 10 mA ISB(OS) Source-Base Current (IC = 0 , VGS = 0 V) VSB(OS) = 9 V 100 mA IGS(OS) Gate-Source Leakage VGS = ± 20 V 500 nA VCS(ON) Collector-Source ON Voltage VGS = 10 V IC = 1.8 A IB = 0.36 A VGS = 10 V IC = 0.7 A IB = 70 mA 1 1 1.5 1.3 V V hFE DC Current Gain IC = 1.8 A VCS = 1 V VGS = 10 V IC = 0.7 A VCS = 1 V VGS = 10 V 3.5 6 5 10 VBS(ON) Base-Source ON Voltage VGS = 10 V IC = 1.8 A IB = 0.36 A VGS = 10 V IC = 0.7 A IB = 70 mA 1 0.8 1.2 1 V V VGS(th) Gate Threshold Voltage VBS = VGS IB = 250 mA1.5 2.2 3 V Ciss Input Capacitance VCS = 25 V f = 1MHZ VGS = VCB = 0 750 pF QGS(tot) Gate-Source Charge VCS = 15 V VGS = 10 V VCB = 0 IC = 1.8 A 12.5 nC ts tf INDUCTIVE LOAD Storage Time Fall Time VGS = 10 V RG = 47 W VClamp = 1200 V tp = 4 ms IC = 1.8 A IB = 0.36 A 760 14 ns ns |